Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S07A Datasheet(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # S07A
Description  SU RFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

S07A Datasheet(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  S07A Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. S07A Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES S07A THRU S07M
FIG.1 --TYPICAL FORWARD CHARACTERISTIC
FIG.2 -- TYPICAL JUNCTION CAPACITANCE
INSTANTANEOUS FORWARD VOLTAGE,mV
REVERSE VOLTAGE,VOLTS
100
1000
600
700
800
900
1000
1100
TJ = 150
°C
TJ =25
°C
TJ = 100
°C
0
5
10
15
20
25
30
35
40
10
9
8
7
6
5
4
3
2
1
0
FIG.3 -- TYPICAL INSTANTANEOUS
FIG.4 -- FORWARD DERATING CURVE
AMBIENT TEMPERATURE,
INSTANTANEOUS REVERSE VOLTAGE,V
0
0.6
0.8
1.2
1.0
0
20
40
60
80
100
120
140
160
0.4
0.2
Resistive or Inductive Load
3.0 x 3.0mm
40
µm
Thick Copper Pad Areas
0
100 200 300 400 500 600 700 800
900
0.01
0.1
10
1
100
TJ = 150°C
TJ = 125°C
TJ = 100°C
TJ =75°C
TJ =50°C
TJ =25°C
REVERSE CHARACTERISTICS
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!


Similar Part No. - S07A

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
S07A HUAXINAN-S07A Datasheet
350Kb / 7P
   SIDACtor Protection Thyristors
logo
SUNMATE electronic Co.,...
S07A SUNMATE-S07A Datasheet
326Kb / 2P
   SURFACE MOUNT RECTIFIER DIODES
logo
Chongqing Pingwei Enter...
S07A CHONGQING-S07A Datasheet
180Kb / 1P
   1.0 AMP. SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
logo
Frontier Electronics.
S07A-LFR FRONTIER-S07A-LFR Datasheet
120Kb / 2P
   SURFACE MOUNT SILICON RECTIFIERS
logo
SUNMATE electronic Co.,...
S07AF SUNMATE-S07AF Datasheet
1Mb / 2P
   SURFACE MOUNT RECTIFIER DIODES
More results

Similar Description - S07A

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SOD4001 CHENDA-SOD4001 Datasheet
594Kb / 2P
   SU RFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
S2AW CHENDA-S2AW Datasheet
613Kb / 2P
   SU RFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
FM4001-M CHENDA-FM4001-M Datasheet
133Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04_10 Datasheet
293Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Shenzhen Yixinwei Techn...
1N4001 YIXIN-1N4001_10 Datasheet
148Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Microdiode Electronics ...
GS3ABF CHENDA-GS3ABF Datasheet
631Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
RS2AW CHENDA-RS2AW_V01 Datasheet
932Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
S2ABF CHENDA-S2ABF_V01 Datasheet
867Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
UN Semiconducctor INC
1N4007W UNSEMI-1N4007W Datasheet
2Mb / 4P
   Surface Mount General Purpose Silicon Rectifier
Revision March 1,2022
logo
Central Semiconductor C...
CMR2-10 CENTRAL-CMR2-10_15 Datasheet
295Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com