Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP4005K Datasheet(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # KBP4005K
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

KBP4005K Datasheet(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  KBP4005K Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. KBP4005K Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES KBP4005K THRU KBP410K
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
010
100
0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
TJ = 25°C
f = 1MHz
0
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig. 2 Typical Fwd Characteristics
F
TA= 25°C
Pulse Width
= 300 µs
Fig. 1 Forward Current Derating Curve
0
10
100
70
0
90
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
100
80
60
Pulse Width =8.3ms
Single Half Sine-Wave
(JEDEC Method)
T, TEMPERATURE (°C)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
25
50
75
100
125
150
175
RESISTIVE OR INDUCTIVE
LOAD


Similar Part No. - KBP4005K

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
KBP4005 DYELEC-KBP4005 Datasheet
234Kb / 2P
   High current capability
logo
Guangdong Juxing Electr...
KBP4005 JUXING-KBP4005 Datasheet
386Kb / 2P
   BRIDGE RECTIFIERS
logo
Gaomi Xinghe Electronic...
KBP4005 GXELECTRONICS-KBP4005 Datasheet
469Kb / 2P
   Rectifier Reverse Voltage 50 to 1000V
logo
Shenzhen Yixinwei Techn...
KBP4005 YIXIN-KBP4005 Datasheet
323Kb / 2P
   BRIDGE RECTIFIERS
logo
SHIKUES Electronics
KBP4005 SKTECHNOLGY-KBP4005 Datasheet
604Kb / 3P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - KBP4005K

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com