Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP208K Datasheet(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # KBP208K
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

KBP208K Datasheet(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  KBP208K Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. KBP208K Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES KBP2005K THRU KBP210K
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
50
40
0
100
0
100
0
30
0
NUMBER OF CYCLES AT 60 Hz
10
100
V
R, REVERSE VOLTAGE (V)
TJ = 25°C
f = 1MHz
0
1.0
2.0
0
50
1
00
150
T, TEMPERATURE (°C)
0
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V
F, INSTANTANEOUS FWD VOLTAGE(V)
TA = 25°C
Pulse Width
= 300 µs
60
100
Fig. 2 Typical Fwd Characteristics
Fig. 1 Forward Current Derating Curve
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
Fig. 4 Typical Junction Capacitance
10
10
Pulse Width =8.3ms
Single Half Sine-Wave
(JEDEC Method)


Similar Part No. - KBP208K

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBP208 WTE-KBP208 Datasheet
37Kb / 3P
   2.0A BRIDGE RECTIFIER
logo
Bytesonic Electronics C...
KBP208 BYTESONIC-KBP208 Datasheet
595Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Weitron Technology
KBP208 WEITRON-KBP208 Datasheet
836Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Suntan Capacitors
KBP208 SUNTAN-KBP208 Datasheet
496Kb / 2P
   Ideal for printed circuit board
logo
Jinan Gude Electronic D...
KBP208 JGD-KBP208 Datasheet
118Kb / 2P
   SINGLE PHASE 2.0 AMPS. SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBP208K

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com