Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSR30-12-24 Datasheet(PDF) 2 Page - DENSEI-LAMBDA

Part # DSR30-12-24
Description  Single output 30W~180W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

DSR30-12-24 Datasheet(HTML) 2 Page - DENSEI-LAMBDA

  DSR30-12-24 Datasheet HTML 1Page - DENSEI-LAMBDA DSR30-12-24 Datasheet HTML 2Page - DENSEI-LAMBDA DSR30-12-24 Datasheet HTML 3Page - DENSEI-LAMBDA DSR30-12-24 Datasheet HTML 4Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
47
DSR-SERIES
DSR30
DSR50
(LEFT SIDE VIEW)
(BOTTOM VIEW)
(FRONT VIEW)
(LEFT SIDE VIEW)
(BOTTOM VIEW)
(FRONT VIEW)
(DEPTH 6mm MAX)
ø3.5 MOUNTING HOLE
2-R1.75
MOUNTING
4-M3 MOUNTING HOLES
TERMINAL COVER
3-M3 MOUNTING HOLES
(DEPTH 6mm MAX)
DSR180
(LEFT SIDE VIEW)
(BOTTOM VIEW)
(FRONT VIEW)
(Unit: mm)
(Unit: mm)
(Unit: mm)
MAW-1205-22
GO!!
P134
Recommended Noise Filter
MAW-1203-22
GO!!
P134
Recommended Noise Filter
MB1220
GO!!
P137
Recommended Noise Filter


Similar Part No. - DSR30-12-24

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DSR300BA50 SANREX-DSR300BA50 Datasheet
109Kb / 1P
   ISOLATED DIODE MODULE (SOFT RECOVERY DIODE)
DSR300BA60 SANREX-DSR300BA60 Datasheet
109Kb / 1P
   ISOLATED DIODE MODULE (SOFT RECOVERY DIODE)
More results

Similar Description - DSR30-12-24

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1180 SLPOWER-MINT1180 Datasheet
384Kb / 3P
   180W SINGLE OUTPUT MEDICAL SERIES
logo
Mean Well Enterprises C...
SDM30 MEANWELL-SDM30_11 Datasheet
362Kb / 3P
   30W DC-DC Single Output
IRM-30 MEANWELL-IRM-30 Datasheet
90Kb / 4P
   30W Single Output Encapsulated Type
RPS-30 MEANWELL-RPS-30_15 Datasheet
105Kb / 4P
   30W Single Output Medical Type
SDM30 MEANWELL-SDM30 Datasheet
359Kb / 3P
   30W DC-DC Single Output
logo
DIWELL Electronics Co.,...
IRM-30 DIWELL-IRM-30 Datasheet
64Kb / 2P
   30W Single Output Encapsulated Type
2014-12-26
logo
Mean Well Enterprises C...
PLN-30 MEANWELL-PLN-30_11 Datasheet
200Kb / 3P
   30W Single Output LED Power Supply
PLP-30 MEANWELL-PLP-30_11 Datasheet
330Kb / 3P
   30W Single Output LED Power Supply
PLC-30 MEANWELL-PLC-30_12 Datasheet
245Kb / 3P
   30W Single Output LED Power Supply
DRC-180 MEANWELL-DRC-180 Datasheet
728Kb / 5P
   180W Single Output with Battery Charger(UPS Function)
2022-03-02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com