Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6LC48C51LIE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6LC48C51LIE
Description  Ethernet / SATA LVCMOS Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48C51LIE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI6LC48C51LIE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48C51LIE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48C51LIE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48C51LIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48C51LIE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48C51LIE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48C51LIE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
www.pericom.com
PI6LC48C51
Rev. A
08/27/15
PI6LC48C51
Ethernet / SATA LVCMOS Clock Generator
Ordering Information
Ordering Code
Packaging
Type
Package Description
Operating Temperature
PI6LC48C51LIE
L
Pb-free & Green, 8-pin TSSOP
Industrial
PI6LC48C51LIEX
L
Pb-free & Green, 8-pin TSSOP, Tape & Reel
Industrial
Notes:
• Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
• "E" denotes Pb-free and Green
• Adding an "X" at the end of the ordering code denotes tape and reel packaging
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
Packaging Mechanical: 8-Contact TSSOP (L)
DATE: 05/03/12
DESCRIPTION: 8 pin, 173mil wide TSSOP
PACKAGE CODE: L
DOCUMENT CONTROL #: PD-1308
REVISION: F
Notes:
1. Refer JEDEC MO-153F/AA
2. Controlling dimensions in millimeters
3. Package outline exclusive of mold flash and metal burr
12-0370
15-0106


Similar Part No. - PI6LC48C51LIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48C21 PERICOM-PI6LC48C21 Datasheet
792Kb / 6P
   Single Output LVCMOS Clock Generator
PI6LC48C21LIE PERICOM-PI6LC48C21LIE Datasheet
792Kb / 6P
   Single Output LVCMOS Clock Generator
PI6LC48C21LIEX PERICOM-PI6LC48C21LIEX Datasheet
792Kb / 6P
   Single Output LVCMOS Clock Generator
More results

Similar Description - PI6LC48C51LIE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS870919I RENESAS-ICS870919I Datasheet
428Kb / 18P
   LVCMOS Clock Generator
2019
870931I-01 RENESAS-870931I-01 Datasheet
408Kb / 14P
   LVCMOS Clock Generator
April 25, 2016
870919I-01 RENESAS-870919I-01 Datasheet
378Kb / 16P
   LVCMOS Clock Generator
2019
logo
Integrated Device Techn...
8413S12B IDT-8413S12B Datasheet
845Kb / 33P
   HCSL/ LVCMOS Clock Generator
logo
Renesas Technology Corp
ICS87949I-01 RENESAS-ICS87949I-01 Datasheet
244Kb / 15P
   LVCMOS / LVTTL CLOCK GENERATOR
MAY 1, 2013
8413S12B RENESAS-8413S12B Datasheet
1Mb / 34P
   HCSL/ LVCMOS Clock Generator
August 18, 2016
8413S12BI-126 RENESAS-8413S12BI-126 Datasheet
952Kb / 30P
   HCSL/ LVCMOS Clock Generator
January 7, 2016
logo
Integrated Device Techn...
8413S12BI IDT-8413S12BI Datasheet
591Kb / 33P
   HCSL/ LVCMOS Clock Generator
8413S12BI-126 IDT-8413S12BI-126 Datasheet
754Kb / 29P
   HCSL/ LVCMOS Clock Generator
IDT5V925BI IDT-IDT5V925BI Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com