Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6LC48P0405 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6LC48P0405
Description  4-Output LVPECL Networking Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P0405 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6LC48P0405 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48P0405 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P0405 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P0405 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P0405 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P0405 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P0405 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48P0405 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48P0405 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.pericom.com
PI6LC48P0405
Rev.A
09/01/15
PI6LC48P0405
4-Output LVPECL Networking Clock Generator
Maximum Ratings (Over operating free-air temperature range)
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
Storage Temperature.............................................. -65ºC to+155ºC
Temperature with Power Applied .........................-40ºC to+85ºC
3.3V Supply Voltage....................................................-0.5 to +3.6V
ESD Protection (HBM) ......................................................... 2000V
DC Specifications
Power Supply DC Characterisitcs, (TA = -40 to 85ºC)
Symbol Parameter
Condition
Min
Typ
Max
Units
VDD
Core Supply Voltage
3.135
3.3
3.465
V
VDDA
Analog Supply Voltage
3.135
3.3
3.465
V
VDDO
Output Supply Voltage
3.135
3.3
3.465
V
IGND
Power Supply Current
130
mA
IDDA
Analog Supply Current
Included in IGND
30
mA
Power Supply DC Characterisitcs, (TA = -40 to 85ºC)
Symbol Parameter
Condition
Min
Typ
Max
Units
VDD
Core Supply Voltage
2.375
2.5
2.625
V
VDDA
Analog Supply Voltage
2.375
2.5
2.625
V
VDDO
Output Supply Voltage
2.375
2.5
2.625
V
IGND
Power Supply Current
125
mA
IDDA
Analog Supply Current
Included in IGND
30
mA
LVCMOS/LVTTL DC Characterisitcs, (TA = -40 to 85ºC)
Symbol Parameter
Condition
Min
Typ
Max
Units
VIH
Input High Voltage
V
DD = 3.3V ± 5%
2
V
DD + 0.3
V
V
DD = 2.5V ± 5%
1.7
V
DD + 0.3
V
VIL
Input Low Voltage
V
DD = 3.3V ± 5%
-0.3
0.8
V
V
DD = 2.5V ± 5%
-0.3
0.7
V
IIH
Input High Current
Ref_IN, M_reset, PLL_Bypass, IN_SEL,
V
DD = VIN = 3.465V
150
µA
IIL
Input Low Current
Ref_IN, M_reset, PLL_Bypass, IN_SEL,
V
DD = VIN = 0V
-5
µA
CIN
Input Capacitance
4
pF
RPULL-
DOWN
Input Pulldown Resistor
51
15-0118


Similar Part No. - PI6LC48P0405

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48P0401 PERICOM-PI6LC48P0401 Datasheet
1Mb / 10P
   4-Output LVPECL Networking Clock Generator
PI6LC48P0401LE PERICOM-PI6LC48P0401LE Datasheet
1Mb / 10P
   4-Output LVPECL Networking Clock Generator
PI6LC48P0401LIE PERICOM-PI6LC48P0401LIE Datasheet
1Mb / 10P
   4-Output LVPECL Networking Clock Generator
More results

Similar Description - PI6LC48P0405

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48P0401 PERICOM-PI6LC48P0401 Datasheet
1Mb / 10P
   4-Output LVPECL Networking Clock Generator
PI6LC48P04 PERICOM-PI6LC48P04 Datasheet
1Mb / 10P
   4-Output LVPECL Networking Clock Generator
PI6LC48P0201 PERICOM-PI6LC48P0201 Datasheet
988Kb / 10P
   2-Output LVPECL Networking Clock Generator
PI6LC48P0201A PERICOM-PI6LC48P0201A Datasheet
962Kb / 10P
   2-Output LVPECL Networking Clock Generator
PI6LC48P03 PERICOM-PI6LC48P03 Datasheet
1Mb / 10P
   3-Output LVPECL Networking Clock Generator
PI6LC48P03A PERICOM-PI6LC48P03A Datasheet
1Mb / 10P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0301 PERICOM-PI6LC48P0301 Datasheet
1Mb / 12P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0301A PERICOM-PI6LC48P0301A Datasheet
1Mb / 12P
   3-Output LVPECL Networking Clock Generator
PI6LC48L0201A PERICOM-PI6LC48L0201A Datasheet
925Kb / 10P
   2-Output LVDS Networking Clock Generator
PI6LC48L0201 PERICOM-PI6LC48L0201 Datasheet
946Kb / 10P
   2-Output LVDS Networking Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com