Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6LC48P25104LIE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6LC48P25104LIE
Description  Single Output LVPECL Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P25104LIE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI6LC48P25104LIE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48P25104LIE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P25104LIE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P25104LIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P25104LIE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P25104LIE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P25104LIE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
www.pericom.com
PI6LC48P25104
Rev. A
07/08/2013
PI6LC48P25104
Single Output LVPECL Clock Generator
LVCMOS to XTAL Interface
The XTAL_IN input can accept a single-ended LVCMOS signal through an AC coupling capacitor. A general interface diagram
is shown in the figure below. The XTAL_OUT pin can be left floating. The input edge rate can be as slow as 10ns. For LVCMOS
signals, it is recommended that the amplitude be reduced from full swing to half swing in order to prevent signal interference with
the power rail and to reduce noise. This configuration requires that the output impedance of the driver (Ro) plus the series resis-
tance (Rs) equals the transmission line impedance. In addition, matched termination at the crystal input will attenuate the signal in
half. This can be done in one of the two ways. First, R1 and R2 in parallel should equal the transmission line empedance. For most
50Ω applications, R1 and R2 can be 100Ω. This can also be accomplished by removing R1 and making R2 50Ω. By overdriving the
crystal oscillator, the device will be functional, but note, the device performance is quaranteed by using a quartz crystal.
Thermal Information
Symbol
Description
Condition
Q
JA
Junction-to-ambient thermal resistance
Still air
124.0 OC/W
Q
JC
Junction-to-case thermal resistance
37.0 OC/W
13-0109


Similar Part No. - PI6LC48P25104LIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48P21 PERICOM-PI6LC48P21 Datasheet
1Mb / 7P
   Single Output LVPECL Clock Generator
PI6LC48P21LE PERICOM-PI6LC48P21LE Datasheet
1Mb / 7P
   Single Output LVPECL Clock Generator
PI6LC48P21LIE PERICOM-PI6LC48P21LIE Datasheet
1Mb / 7P
   Single Output LVPECL Clock Generator
More results

Similar Description - PI6LC48P25104LIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48P21 PERICOM-PI6LC48P21 Datasheet
1Mb / 7P
   Single Output LVPECL Clock Generator
PI6LC48P0201 PERICOM-PI6LC48P0201 Datasheet
988Kb / 10P
   2-Output LVPECL Networking Clock Generator
PI6LC48P0201A PERICOM-PI6LC48P0201A Datasheet
962Kb / 10P
   2-Output LVPECL Networking Clock Generator
PI6LC48P0401 PERICOM-PI6LC48P0401 Datasheet
1Mb / 10P
   4-Output LVPECL Networking Clock Generator
PI6LC48P0405 PERICOM-PI6LC48P0405 Datasheet
1Mb / 9P
   4-Output LVPECL Networking Clock Generator
PI6LC48P04 PERICOM-PI6LC48P04 Datasheet
1Mb / 10P
   4-Output LVPECL Networking Clock Generator
PI6LC48P03 PERICOM-PI6LC48P03 Datasheet
1Mb / 10P
   3-Output LVPECL Networking Clock Generator
logo
CTS Corporation
VCT2000A CTS-VCT2000A Datasheet
141Kb / 5P
   LVPECL Output-Dual Input Clock Generator
logo
Pericom Semiconductor C...
PI6LC48P03A PERICOM-PI6LC48P03A Datasheet
1Mb / 10P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0301 PERICOM-PI6LC48P0301 Datasheet
1Mb / 12P
   3-Output LVPECL Networking Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com