Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6LC48P25104LIE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6LC48P25104LIE
Description  Single Output LVPECL Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P25104LIE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6LC48P25104LIE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48P25104LIE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P25104LIE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P25104LIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P25104LIE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P25104LIE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P25104LIE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
www.pericom.com
PI6LC48P25104
Rev. A
07/08/2013
PI6LC48P25104
Single Output LVPECL Clock Generator
Pinout Table
Pin No.
Pin Name
I/O Type
Description
1
VDDA
Power
Analog Power Supply
2
GND
Power
Ground
3, 4
XTAL_OUT,
XTAL_IN
Crystal
Crystal Input and Output
5
Freq_SEL
Input
Pull
Down
"LOW", output is multiplied by 6.25, "HIGH", output is multiplied by
7.5.
6, 7
CLK#, CLK
Output
Output Clock
8
VDD
Power
Core Power Supply
Output Frequency Table
Xtal Frequency (MHz)
Freq_SEL
Output Frequency (MHz)
20
1
150
21.25
1
159.375
24
0
150
25
0
156.25
1
187.5
25.5
0
159.375
30
0
187.5
Typical Crystal Requirement
Parameter
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
Freq_SEL = 0
23.2
30
MHz
Freq_SEL = 1
19.33
25
Equivalent Series Resistance
(ESR)
50
Ω
Shunt Capacitance
7
pF
Drive Level
1
mW
Recomended Crystal Specification
Pericom recommends:
a) FL2500047, SMD 3.2x2.5(4P), 25MHz, CL=18pF, +/-20ppm
http://www.pericom.com/pdf/datasheets/se/FL.pdf
b) b) FY2500091, SMD 5x3.2(4P), 25MHz, CL=18pF, +/-30ppm
http://www.pericom.com/pdf/datasheets/se/FY_F9.pdf
13-0109


Similar Part No. - PI6LC48P25104LIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48P21 PERICOM-PI6LC48P21 Datasheet
1Mb / 7P
   Single Output LVPECL Clock Generator
PI6LC48P21LE PERICOM-PI6LC48P21LE Datasheet
1Mb / 7P
   Single Output LVPECL Clock Generator
PI6LC48P21LIE PERICOM-PI6LC48P21LIE Datasheet
1Mb / 7P
   Single Output LVPECL Clock Generator
More results

Similar Description - PI6LC48P25104LIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48P21 PERICOM-PI6LC48P21 Datasheet
1Mb / 7P
   Single Output LVPECL Clock Generator
PI6LC48P0201 PERICOM-PI6LC48P0201 Datasheet
988Kb / 10P
   2-Output LVPECL Networking Clock Generator
PI6LC48P0201A PERICOM-PI6LC48P0201A Datasheet
962Kb / 10P
   2-Output LVPECL Networking Clock Generator
PI6LC48P0401 PERICOM-PI6LC48P0401 Datasheet
1Mb / 10P
   4-Output LVPECL Networking Clock Generator
PI6LC48P0405 PERICOM-PI6LC48P0405 Datasheet
1Mb / 9P
   4-Output LVPECL Networking Clock Generator
PI6LC48P04 PERICOM-PI6LC48P04 Datasheet
1Mb / 10P
   4-Output LVPECL Networking Clock Generator
PI6LC48P03 PERICOM-PI6LC48P03 Datasheet
1Mb / 10P
   3-Output LVPECL Networking Clock Generator
logo
CTS Corporation
VCT2000A CTS-VCT2000A Datasheet
141Kb / 5P
   LVPECL Output-Dual Input Clock Generator
logo
Pericom Semiconductor C...
PI6LC48P03A PERICOM-PI6LC48P03A Datasheet
1Mb / 10P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0301 PERICOM-PI6LC48P0301 Datasheet
1Mb / 12P
   3-Output LVPECL Networking Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com