Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI49FCT3807AHEX Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI49FCT3807AHEX
Description  3.3V Fast CMOS Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3807AHEX Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI49FCT3807AHEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3807AHEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3807AHEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3807AHEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3807AHEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3807AHEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3807AHEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI49FCT3807AHEX Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PI49FCT3807
3.3V Fast CMOS Clock Driver
2
PS7010F
11/16/09
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation
of the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect reliability.
DC Electrical Characteristics (TA = –40°C to +85°c VCC = 3.3V ±0.3V)
Symbol
Parameter
Test Condition(1)
Min.
Typ.
Max.
Units
VOH
Output High Voltage
VCC = Min., VIN = VIL or VIH
IOH = -0.1mA
IOH = -8mA
VCC - 0.2
2.4
3.0
V
VOL
Output Low Voltage
VCC = Min., VIN = VIL or VIH
IOH = 0.1mA
IOH = 16mA
IOH = 24mA
0.2
0.3
0.2
0.4
0.5
VIH
Input High Voltage
Guaranteed Logic HIGH Level (Input pins)
2.0
5.5
VIL
Input Low Voltage
Guaranteed Logic LOW Level (Input pins)
-0.5
0.8
IIH
Input High Current
VCC = Max.
VIN = VCC
1
μA
IIL
Input Low Current
VCC = Max.
VIN = GND
-1
VIK
Clamp Diode Voltage
VCC = Min., IIN = -18mA
-0.7
-1.2
V
IOH
Output HIGH Current(4,5) VOUT = 1.5V, VIN =VIL or VIH, VCC = 3.3V
-35
-60
-110
mA
IOL
Output LOW Current(4,5)
VOUT = 1.5V, VIN =VIL or VIH, VCC = 3.3V
50
90
200
IOS
Short Circuit Current(4,5)
VCC = Max., VOUT = GND
-60
-135
-240
VH
Input Hysteresis
150
mV
Storage Temperature ............................................................ –65°C to +150°C
Ambient Temperature with Power Applied ........................... –40°C to +85°C
Supply Voltage to Ground Potential (Inputs & VCC Only).....–0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) ..–0.5V to +7.0V
DC Input Voltage ....................................................................–0.5V to +7.0V
DC Output Current............................................................................... 120mA
Power Dissipation ................................................................................... 0.5W
Notes:
1.
For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at VCC = 3.3V, +25°C ambient and maximum loading.
3.
VOH = VCC – 0.6V at rated current.
4.
This parameter is determined by device characterization but is not production tested.
5.
Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
09-0005


Similar Part No. - PI49FCT3807AHEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3807AHE PERICOM-PI49FCT3807AHE Datasheet
436Kb / 7P
   3.3V Fast CMOS Clock Driver
PI49FCT3807AHE PERICOM-PI49FCT3807AHE Datasheet
788Kb / 9P
   3.3V Fast CMOS Clock Driver
More results

Similar Description - PI49FCT3807AHEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3807DQEX PERICOM-PI49FCT3807DQEX Datasheet
788Kb / 9P
   3.3V Fast CMOS Clock Driver
PI49FCT3807 PERICOM-PI49FCT3807 Datasheet
436Kb / 7P
   3.3V Fast CMOS Clock Driver
PI49FCT3804 PERICOM-PI49FCT3804 Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805 Datasheet
431Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805_10 Datasheet
514Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Diodes Incorporated
PI49FCT3805 DIODES-PI49FCT3805_V01 Datasheet
1Mb / 12P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Integrated Device Techn...
49FCT3805BQG8 IDT-49FCT3805BQG8 Datasheet
73Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805 IDT-IDT49FCT3805 Datasheet
62Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805B IDT-IDT49FCT3805B Datasheet
374Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3805AH ALSC-ASM2P3805AH Datasheet
534Kb / 13P
   3.3V CMOS Buffer Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com