Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-004103-13655P Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-004103-13655P
Description  Silicon SP4T Surface Mount HMIC PIN Diode Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-004103-13655P Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASW-004103-13655P Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-004103-13655P Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-004103-13655P Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-004103-13655P Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-004103-13655P Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-004103-13655P Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-004103-13655P Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASW-004103-13655P Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Silicon SP4T Surface Mount HMIC PIN Diode Switch
50 MHZ - 20 GHz
Rev. V5
MASW-004103-1365
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
MASW-004103-1365 Maximum Input Power Curve
Baseplate Temperature fixed @ 25degC
0
2
4
6
8
10
12
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Insertion Loss (dB)
2GHz, 6.4W
10GHz, 3.1W
20GHz, 2W
Typical Performance Curves
-100
-80
-60
-40
-20
0
0
5
10
15
20
25
30
Isolation @ 20mA -10V
RF Input to RF Outputs (J1 to J2, J3, J4, J5)
J1 TO J2
J1 TO J3
J1 TO J4
J1 TO J5
Frequency (GHz)
-40
-30
-20
-10
0
0
5
10
15
20
25
30
Input Return Loss @ 20mA -10V
RF Input to RF Outputs (J1 to J2, J3, J4, J5)
J1 TO J2
J1 TO J3
J1 TO J4
J1 TO J5
Frequency (GHz)
-40
-30
-20
-10
0
0
5
10
15
20
25
30
Output Return Loss @ 20mA -10V
RF Input to RF Outputs (J1 to J2, J3, J4, J5)
J1 TO J2
J1 TO J3
J1 TO J4
J1 TO J5
Frequency (GHz)
-2.0
-1.5
-1.0
-0.5
0.0
0
5
10
15
20
25
30
Insertion Loss @ 20mA -10V
RF Input to RF Outputs (J1 to J2, J3, J4, J5)
J1 TO J2
J1 TO J3
J1 TO J4
J1 TO J5
Frequency (GHz)
-80
-60
-40
-20
0
0
5
10
15
20
25
30
Output to Output Isolation @ 20mA, -10V
J2 to J3 and J4 to J5
J2 TO J3
J4 TO J5
Frequency (GHz)


Similar Part No. - MASW-004103-13655P

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-004103-1365 MA-COM-MASW-004103-1365 Datasheet
418Kb / 8P
   HMICTM Silicon PIN Diode SP4T Switch
MASW-004103-1365 MA-COM-MASW-004103-1365 Datasheet
340Kb / 8P
   HMICTM Silicon PIN Diode SP4T Switch
MASW-004103-1365 MA-COM-MASW-004103-1365 Datasheet
608Kb / 8P
   Silicon SP4T Surface Mount HMIC PIN Diode Switch
MASW-004103-13650G MA-COM-MASW-004103-13650G Datasheet
418Kb / 8P
   HMICTM Silicon PIN Diode SP4T Switch
MASW-004103-13650P MA-COM-MASW-004103-13650P Datasheet
418Kb / 8P
   HMICTM Silicon PIN Diode SP4T Switch
More results

Similar Description - MASW-004103-13655P

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-004103-1365 MA-COM-MASW-004103-1365 Datasheet
608Kb / 8P
   Silicon SP4T Surface Mount HMIC PIN Diode Switch
MASW-004240-13170W MA-COM-MASW-004240-13170W_2 Datasheet
255Kb / 6P
   HMIC SP4T Surface Mount Silicon PIN Diode Switch
MASW-004240-13170 MA-COM-MASW-004240-13170 Datasheet
255Kb / 6P
   HMIC??SP4T Surface Mount Silicon PIN Diode Switch
MASW-004240-13170W MA-COM-MASW-004240-13170W Datasheet
257Kb / 6P
   HMIC??SP4T Surface Mount Silicon PIN Diode Switch
MASW-004240-13170 MA-COM-MASW-004240-13170_15 Datasheet
255Kb / 6P
   HMIC SP4T Surface Mount Silicon PIN Diode Switch
MA4SW410 MA-COM-MA4SW410 Datasheet
445Kb / 7P
   HMIC??Silicon SP4T PIN Diode Switch
MASW-004100-1193 MA-COM-MASW-004100-1193 Datasheet
507Kb / 7P
   HMIC??SP4T Silicon PIN Diode Switch
MA4SW410 MA-COM-MA4SW410_14 Datasheet
810Kb / 6P
   HMIC Silicon SP4T PIN Diode Switch
MASW-004100-1193 MA-COM-MASW-004100-1193_2 Datasheet
136Kb / 7P
   HMIC SP4T Silicon PIN Diode Switch
MA4SW410 MA-COM-MA4SW410 Datasheet
125Kb / 7P
   HMIC??Silicon SP4T PIN Diode Switch RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com