Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB1220 Datasheet(PDF) 2 Page - DENSEI-LAMBDA

Part # MB1220
Description  Band wide:150kHz ~ 30MHz, 2 stage filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

MB1220 Datasheet(HTML) 2 Page - DENSEI-LAMBDA

  MB1220 Datasheet HTML 1Page - DENSEI-LAMBDA MB1220 Datasheet HTML 2Page - DENSEI-LAMBDA MB1220 Datasheet HTML 3Page - DENSEI-LAMBDA MB1220 Datasheet HTML 4Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
138
MB1206
MB1210
MB1216
MB1220
MB1236
Case: Metal
(Unit: mm)
MB-SERIES


Similar Part No. - MB1220

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MB12 ZSELEC-MB12 Datasheet
108Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SL Power Electronics
MB12-1-7-A SLPOWER-MB12-1-7-A Datasheet
374Kb / 7P
   DC Power Supplies
MB12-1.7-A SLPOWER-MB12-1.7-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
Pan Jit International I...
MB120 PANJIT-MB120 Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
MB120 ZSELEC-MB120 Datasheet
108Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - MB1220

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MF1206 LAMBDA-MF1206 Datasheet
181Kb / 3P
   Band wide:150kHz ~ 30MHz, 2 stage filter?
logo
Schurter Inc.
FMBB SCHURTER-FMBB Datasheet
467Kb / 3P
   AC Filter 2-Stage, Broad Band Attenuation
FMBBNEO SCHURTER-FMBBNEO Datasheet
1Mb / 12P
   AC Filter 2-Stage, Broad Band Attenuation
logo
DENSEI-LAMBDA
MXB-1206 LAMBDA-MXB-1206 Datasheet
240Kb / 4P
   Wide band, High attenuation by 2-stage choke coil
logo
Schurter Inc.
FMW-52 SCHURTER-FMW-52 Datasheet
412Kb / 2P
   AC Filter 2-Stage
logo
Johanson Technology Inc...
3600BP15M600 JOHANSON-3600BP15M600_09 Datasheet
120Kb / 2P
   3.6 GHz Wide Band Band Pass Filter
logo
Mitsubishi Electric Sem...
MGFC5212 MITSUBISHI-MGFC5212 Datasheet
33Kb / 4P
   K-Band 2-Stage Power Amplifier
logo
Schurter Inc.
FMBBRAIL SCHURTER-FMBBRAIL Datasheet
454Kb / 4P
   AC Filter 2-Stage, DIN Rail Mounting, Very Broad Band Attenuation
logo
Mitsubishi Electric Sem...
MGFC5218 MITSUBISHI-MGFC5218 Datasheet
22Kb / 3P
   K-Band 2-Stage Power Amplifier
MGFC5213 MITSUBISHI-MGFC5213 Datasheet
28Kb / 4P
   K-Band 2-Stage Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com