Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0103SMB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0103SMB
Description  SPDT High Isolation CATV Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0103SMB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0103SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0103SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0103SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0103SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0103SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MASWSS0103
2
SPDT High Isolation CATV Switch
5 – 1000 MHz
Rev V1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Parameter
Absolute Maximum
Input Power
(5 - 1000 MHz, 2.9 V Control)
+32 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings 3,4
3. Exceeding any one or combination of these limits may cause
permanent damage.
4. M/A-COM does not recommend sustained operation near
these survivability limits.
5. 1 = +2.9 to +5 V, 0 = 0 + 0.2 V.
Truth Table 5
V1
V2
RFC - RF1
RFC - RF2
1
0
On
Off
0
1
Off
On
Electrical Specifications: TA = 25°C, Z0 = 75 Ω
2, VC = 0 V / 2.9 V, PIN = 10 dBm
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
5 - 50 MHz
50 - 1000 MHz
dB
dB
0.75
1.0
1.2
Isolation
5 - 50 MHz
50 - 1000 MHz
dB
dB
60
100
63
Return Loss (On)
5 - 50 MHz
50 - 1000 MHz
dB
dB
28
16
Return Loss (Off)
5 - 50 MHz
50 - 1000 MHz
dB
dB
26
16
IP3
Two Tone, +15 dBm/tone, 6 MHz spacing, > 50 MHz
VC = 0 V / 2.9 V
VC = 0 V / 5.0 V
dBm
dBm
47
52
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
8
Ton, Toff
50% control to 90% RF, 50% control to 10% RF
nS
18
Transients
In Band
mV
70
Control Current
|VC| = 2.9 V
µA
5
10
Application Schematic
G1
GND
V1
RF1
GND
GT1
GI1
GND
RFC
GND
GI2
GT2
GND
RF2
GND
V1
G2
GND
V2
GND
GND
GND
GND
GND
C1
C2
C3
C5
C6
C4
C9
C8
C7
C10
C11
G1
GND
V1
RF1
GND
GT1
GI1
GND
RFC
GND
GI2
GT2
GND
RF2
GND
V1
G2
GND
V2
GND
GND
GND
GND
GND
C1
C2
C3
C5
C6
C4
C9
C8
C7
C10
C11
C1 - C9 = 0.01 µF, RF Bypass Capacitors
C10 - C11 = 0.01 µF, Logic Control Decoupling Capacitors
2. External 0.01 µF DC blocking capacitors are required on all RF In/Out and RF ground ports. See Application Schematic.


Similar Part No. - MASWSS0103SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0103SMB MACOM-MASWSS0103SMB Datasheet
248Kb / 4P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MASWSS0103SMB MA-COM-MASWSS0103SMB Datasheet
120Kb / 4P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
More results

Similar Description - MASWSS0103SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0103 MA-COM-MASWSS0103 Datasheet
120Kb / 4P
   SPDT High Isolation CATV Switch
MASW_009101 MA-COM-MASW_009101_15 Datasheet
747Kb / 8P
   SPDT Default On High Isolation CATV Switch
MASW-009101 MA-COM-MASW-009101 Datasheet
236Kb / 7P
   SPDT Default On High Isolation CATV Switch
MASWSS0068 MA-COM-MASWSS0068 Datasheet
98Kb / 5P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
MASW-008153 MA-COM-MASW-008153 Datasheet
159Kb / 4P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
logo
Tyco Electronics
MASWSS0068 MACOM-MASWSS0068 Datasheet
257Kb / 5P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MASW-008801 MA-COM-MASW-008801_15 Datasheet
165Kb / 5P
   SPDT High Isolation CATV and Satellite Communications Switch
logo
Tyco Electronics
MASWSS0069-A5 MACOM-MASWSS0069-A5 Datasheet
230Kb / 4P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0103 MACOM-MASWSS0103 Datasheet
248Kb / 4P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
MASW-008153 MACOM-MASW-008153 Datasheet
196Kb / 4P
   SPDT High Isolation CATV Switch 5 - 1000 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com