Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0179 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0179
Description  3 V GaAs SPDT Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0179 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0179_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0179_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0179_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0179_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
3 V GaAs SPDT Switch
DC - 2.0 GHz
Rev. V3
MASWSS0179
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
M/A-COM Technology Solutions Inc. All rights reserved.
Information in this document is provided in connection with M/A-COM Technology Solutions Inc ("MACOM")
products. These materials are provided by MACOM as a service to its customers and may be used for
informational purposes only. Except as provided in MACOM's Terms and Conditions of Sale for such products or
in any separate agreement related to this document, MACOM assumes no liability whatsoever. MACOM
assumes no responsibility for errors or omissions in these materials. MACOM may make changes to
specifications and product descriptions at any time, without notice. MACOM makes no commitment to update
the information and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future
changes to its specifications and product descriptions. No license, express or implied, by estoppels or otherwise,
to any intellectual property rights is granted by this document.
THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR
IMPLIED, RELATING TO SALE AND/OR USE OF MACOM PRODUCTS INCLUDING LIABILITY OR
WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, CONSEQUENTIAL OR
INCIDENTAL DAMAGES, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR
OTHER INTELLECTUAL PROPERTY RIGHT. MACOM FURTHER DOES NOT WARRANT THE ACCURACY
OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN
THESE MATERIALS. MACOM SHALL NOT BE LIABLE FOR ANY SPECIAL, INDIRECT, INCIDENTAL, OR
CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS,
WHICH MAY RESULT FROM THE USE OF THESE MATERIALS.
MACOM products are not intended for use in medical, lifesaving or life sustaining applications. MACOM
customers using or selling MACOM products for use in such applications do so at their own risk and agree to
fully indemnify MACOM for any damages resulting from such improper use or sale.


Similar Part No. - MASWSS0179_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0179TR-3000 MACOM-MASWSS0179TR-3000 Datasheet
170Kb / 3P
   3 V GaAs SPDT Switch DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0179TR-3000 MA-COM-MASWSS0179TR-3000 Datasheet
108Kb / 3P
   3 V GaAs SPDT Switch DC - 2.0 GHz
MASWSS0179TR-3000 MA-COM-MASWSS0179TR-3000 Datasheet
130Kb / 3P
   3 V GaAs SPDT Switch
MASWSS0179_V3 MA-COM-MASWSS0179_V3 Datasheet
130Kb / 3P
   3 V GaAs SPDT Switch
More results

Similar Description - MASWSS0179_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0179_V3 MA-COM-MASWSS0179_V3 Datasheet
130Kb / 3P
   3 V GaAs SPDT Switch
logo
Tyco Electronics
MASWSS0179 MACOM-MASWSS0179 Datasheet
170Kb / 3P
   3 V GaAs SPDT Switch DC - 2.0 GHz
logo
M/A-COM Technology Solu...
SW-395 MA-COM-SW-395 Datasheet
108Kb / 3P
   3 V GaAs SPDT Switch DC - 2.0 GHz
MASWSS0179 MA-COM-MASWSS0179 Datasheet
108Kb / 3P
   3 V GaAs SPDT Switch DC - 2.0 GHz
MASWSS0179 MA-COM-MASWSS0179 Datasheet
130Kb / 3P
   3 V GaAs SPDT Switch DC - 2.0 GHz
MASWSS0167 MA-COM-MASWSS0167_15 Datasheet
76Kb / 3P
   2.5 V GaAs SPDT Switch
logo
Hexawave, Inc
HWS507_V3 HW-HWS507_V3 Datasheet
113Kb / 3P
   GaAs 0.5 -3 GHz SPDT Switch
logo
TECH PUBLIC Electronics...
TPAS179-92LF TECHPUBLIC-TPAS179-92LF Datasheet
3Mb / 5P
   GaAs DC-3 GHz SPDT Switch
logo
Hexawave, Inc
HWS408_V6 HW-HWS408_V6_15 Datasheet
58Kb / 2P
   GaAs DC-3 GHz SPDT Switch
logo
Tyco Electronics
MASWSS0005 MACOM-MASWSS0005 Datasheet
178Kb / 3P
   GaAs SPDT Switch 0.05 - 3 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com