Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GEN150-5 Datasheet(PDF) 7 Page - DENSEI-LAMBDA

Part # GEN150-5
Description  Programmable DC Power Supplies 750W/1500W
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

GEN150-5 Datasheet(HTML) 7 Page - DENSEI-LAMBDA

  GEN150-5 Datasheet HTML 1Page - DENSEI-LAMBDA GEN150-5 Datasheet HTML 2Page - DENSEI-LAMBDA GEN150-5 Datasheet HTML 3Page - DENSEI-LAMBDA GEN150-5 Datasheet HTML 4Page - DENSEI-LAMBDA GEN150-5 Datasheet HTML 5Page - DENSEI-LAMBDA GEN150-5 Datasheet HTML 6Page - DENSEI-LAMBDA GEN150-5 Datasheet HTML 7Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Power Supply Identification / Accessories
Accessories
1.Communication cable
RS232/RS485 Cable is used to connect the power supply to the PC Controller
Factory option
P/N
RS232/485 Interface built in Standard
-
GPIB Interface
IEEE
Voltage Programming Isolated analog interface
IS510
Current Programming Isolated analog interface
IS420
AC Cords sets (750W only)
How to order
Europe
750W
10A/250 Vac L=2m
INT'L 7/VII
IEC320-C13
P/N: GEN/E
Japan
750W
13A/125 Vac L=2m
IEC320-C13
P/N: GEN/J
Middle East
750W
10A/250 Vac L=2m
SI-32
IEC320-C13
P/N: GEN/I
North America
750W
13A/125 Vac L=2m
NEMA 5-15P
IEC320-C13
P/N : GEN/U
Region
Output Power
AC Cords
Wall Plug
Power Supply
Connector
Part Number
Models 750/1500W
Serial link cable*
Chaining Power Supply to Power Supply up to 31 GEN units
|6
-
GEN
Series
Name
600
Output
Voltage
(0~600V)
2.6
Output
Current
(0~2.6A)
-
IEEE
IS510
IS420
Option:
-
E - Europe
J - Japan
I - Middle East
U - North America
Region:
Factory Options
AC Cable option is 750W only
Mode
RS485
Power Supply Connector
Communication Cable
EIA/TIA-568A (RJ-45)
Shield Ground L=50cm
GEN/RJ45
P/N
* Included with the power supply
Mode
P/N
RS485
RS232
RS232
GEN/485-9
GEN/232-9
GEN/232-25
PC Connector
Communication Cable
Power Supply Connector
DB-9F
Shield Ground L=2m
EIA/TIA-568A (RJ-45)
DB-9F
Shield Ground L=2m
EIA/TIA-568A (RJ-45)
DB-25F
FShield Ground L=2m
EIA/TIA-568A (RJ-45)
Model
GEN60-12.5
GEN60-25
GEN80-9.5
GEN80-19
GEN100-7.5
GEN100-15
GEN150-5
GEN150-10
GEN300-2.5
GEN300-5
GEN600-1.3
GEN600-2.6
Output
Power
( W )
750
1500
760
1520
750
1500
750
1500
750
1500
780
1560
Output
Voltage
VDC
0~60V
0~80V
0~100V
0~150V
0~300V
0~600V
Output
Current
( A )
0~12.5
0~25
0~9.5
0~19
0~7.5
0~15
0~5
0~10
0~2.5
0~5
0~1.3
0~2.6
Output
Power
( W )
600
1200
720
1440
750
1500
760
1520
750
1500
760
1520
Output
Current
( A )
0~100
0~200
0~90
0~180
0~60
0~120
0~38
0~76
0~25
0~50
0~19
0~38
Output
Voltage
VDC
0~6V
0~8V
0~12.5V
0~20V
0~30V
0~40V
Model
GEN6-100
GEN6-200
GEN8-90
GEN8-180
GEN12.5-60
GEN12.5-120
GEN20-38
GEN20-76
GEN30-25
GEN30-50
GEN40-19
GEN40-38


Similar Part No. - GEN150-5

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
GEN150-5 TDK-GEN150-5 Datasheet
111Kb / 2P
   Programmable Power Supplies
More results

Similar Description - GEN150-5

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E36103A KEYSIGHT-E36103A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
E3646A KEYSIGHT-E3646A Datasheet
808Kb / 6P
   Programmable DC Power Supplies
logo
B&K Precision Corporati...
9120A BK-9120A Datasheet
800Kb / 3P
   Programmable DC Power Supplies
logo
Keysight Technologies
E3633A KEYSIGHT-E3633A Datasheet
997Kb / 5P
   Programmable DC Power Supplies
E3632A KEYSIGHT-E3632A Datasheet
997Kb / 5P
   Programmable DC Power Supplies
E3645A KEYSIGHT-E3645A Datasheet
808Kb / 6P
   Programmable DC Power Supplies
logo
List of Unclassifed Man...
1785A ETC2-1785A Datasheet
109Kb / 1P
   Programmable DC Power Supplies
logo
Keysight Technologies
E36105A KEYSIGHT-E36105A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
E36106A KEYSIGHT-E36106A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
E3642A KEYSIGHT-E3642A Datasheet
808Kb / 6P
   Programmable DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com