Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN2910 Datasheet(PDF) 11 Page - Mallory performance club

Part # PN2910
Description  Throttle Body Kit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN2910 Datasheet(HTML) 11 Page - Mallory performance club

Back Button PN2910 Datasheet HTML 7Page - Mallory performance club PN2910 Datasheet HTML 8Page - Mallory performance club PN2910 Datasheet HTML 9Page - Mallory performance club PN2910 Datasheet HTML 10Page - Mallory performance club PN2910 Datasheet HTML 11Page - Mallory performance club PN2910 Datasheet HTML 12Page - Mallory performance club PN2910 Datasheet HTML 13Page - Mallory performance club PN2910 Datasheet HTML 14Page - Mallory performance club PN2910 Datasheet HTML 15Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
INSTALLATION INSTRUCTIONS
11
MSD • WWW .A TOMICEFI.COM • (915) 855-7123 • F AX (915) 857-3344
Figure 10 Atomic Wiring with an MSD Ignition Control.
GREEN (-)
VIOLET (+)
ECT
SENSOR
REV
LIMITER
DIGITAL
WHITE
ORANGE TO AC INPUT
WHITE
YELLOW
NOT USED
ORANGE
BLACK
MAG PICKUP
NOT USED
Orange (+) and Black (-)
are the only wires that
connect to the coil.
GRAY
*Do NOT connect the small Red wire to the coil (+)
terminal when using an MSD Ignition or other CD
ignition control.
PINK - FAN 1 PROVIDES GROUND
TAN - FAN 2 PROVIDES GROUND
RED - IGNITION SWITCHED 12V
*
FUEL
PUMP
BLACK - GROUND
HEAVY RED - BATTERY
O2
SENSOR
BLACK
GROUND
HEAVY ORANGE
RED - IGNITION SWITCHED 12V
INDICATES CONNECTION
TO 12V
IGNITION
KEY
TO NITROUS 12V
ACTIVATION WIRE
NOT
USED
STOP HERE
Please review the parts installed thus far. Check to see that all required wires are run properly and
that the fuel system is complete and secure. The next section of instructions will require power to the
Handheld. Turning on power (Key On) will prime the fuel pump. It is extremely important to check for
fuel leaks at this time.
Do not attempt to start the engine until the Initial Setup has been completed on the Handheld.


Similar Part No. - PN2910

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
PN2905 MICRO-ELECTRONICS-PN2905 Datasheet
165Kb / 2P
   PNP SILICON TRANSITOR
PN2905 MICRO-ELECTRONICS-PN2905 Datasheet
169Kb / 2P
   PNP SILICON TRANSISTORS
logo
Mallory performance clu...
PN2905 MALLORY-PN2905 Datasheet
1Mb / 4P
   Atomic EFI Throttle Body
logo
Micro Electronics
PN2906 MICRO-ELECTRONICS-PN2906 Datasheet
103Kb / 2P
   PNP SILICON GENERAL PURPOSE AMPLIFIERS AND SWITCHES
logo
Central Semiconductor C...
PN2906 CENTRAL-PN2906 Datasheet
324Kb / 2P
   PNP SILICON TRANSISTOR
More results

Similar Description - PN2910

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN2940 MALLORY-PN2940 Datasheet
142Kb / 2P
   Atomic LS Throttle Body
PN2945 MALLORY-PN2945 Datasheet
95Kb / 2P
   Atomic LS Throttle Body
PN2905 MALLORY-PN2905 Datasheet
1Mb / 4P
   Atomic EFI Throttle Body
logo
NXP Semiconductors
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
   5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
logo
Maxim Integrated Produc...
MAX30205EVKIT MAXIM-MAX30205EVKIT Datasheet
799Kb / 6P
   MAX30205 Human Body Temperature Sensor Evaluation Kit
Rev 0; 9/16
logo
Freescale Semiconductor...
33931 FREESCALE-33931 Datasheet
1Mb / 21P
   5.0 A Throttle Control H-bridge
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
   5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
logo
Freescale Semiconductor...
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
   5.0 A Throttle Control H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com