Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSR50-40-48 Datasheet(PDF) 3 Page - DENSEI-LAMBDA

Part # DSR50-40-48
Description  Single output 30W~180W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

DSR50-40-48 Datasheet(HTML) 3 Page - DENSEI-LAMBDA

  DSR50-40-48 Datasheet HTML 1Page - DENSEI-LAMBDA DSR50-40-48 Datasheet HTML 2Page - DENSEI-LAMBDA DSR50-40-48 Datasheet HTML 3Page - DENSEI-LAMBDA DSR50-40-48 Datasheet HTML 4Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
48
DSR20
DSR35
Model name
UL
CSA
Nominal
output voltage
Max.
output current
Max.
output power
DC 70 ~ 143V
10%
0.4% (DC18 ~ 32V/DC32 ~ 63V, at constant load/output 2V : 20mV)
0.4% (No load – full load, at constant input voltage/output 2V : 20mV)
Convection cooling
–20 ~ +71°C
Input–output: 2.5kVAC, input–FG: 2.5kVAC for 1 min.(20mA), Output–FG: 500VAC for 1 min.(100mA)
When not operating 10 ~ 55Hz, amplitude 0.825mm constant (MAX. 5G), Sweep for 1 min., X, Y and Z axes for 1 hour
Over voltage protection, Over current protection, Thermal protection, Remote on/off control
Low input protection, Power failure (Low output voltage detection signal)
DSR (Input : 110VDC)-SERIES Single output 20W ~ 35W
Model name
DSR 35-5-110
Features
110VDC input, Single output
Long life and high reliability
Over 10 years lifetime at 40°C, full load
Vibration: 5G max.
Wide operating temperature range: –20 ~ +71°C
Low input surge current 3.7A
Name of series
Output power: 20W, 35W
Nominal output voltage: 2 ~ 48V
Input voltage
110: 70 ~143VDC
Specifications
5 year warranty
Product lineup
2V
5V
6V
12V
15V
24V
40V
48V
2V
5V
6V
12V
15V
24V
40V
48V
4.0A
4.0A
3.3A
1.7A
1.4A
0.9A
0.5A
0.4A
7.0A
7.0A
6.0A
3.0A
2.6A
1.8A
1.0A
0.9A
8.0W
20.0W
19.8W
20.4W
21.0W
21.6W
20.0W
19.2W
14.0W
35.0W
36.0W
36.0W
39.0W
43.2W
40.0W
43.2W
∆ : Conforms to safety standard
Request customer specification for further details of specifications, outline, characteristics, etc.
Read the instruction manual before usage.
Contact us about delivery before ordering.
DSR20 (DC110V INPUT)
DSR35 (DC110V INPUT)
1. Input voltage range
2. Output voltage range
3. Line regulation
4. Load regulation
5. Cooling
6. Operating ambient
temperature
(Standard mounting)
7. Withstand voltage
8. Vibration
9. Functions
DSR20-2-110
DSR20-5-110
DSR20-6-110
DSR20-12-110
DSR20-15-110
DSR20-24-110
DSR20-40-110
DSR20-48-110
DSR35-2-110
DSR35-5-110
DSR35-6-110
DSR35-12-110
DSR35-15-110
DSR35-24-110
DSR35-40-110
DSR35-48-110


Similar Part No. - DSR50-40-48

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DSR520 TOSHIBA-DSR520 Datasheet
187Kb / 4P
   High-Speed Switching Applications
DSR520CT TOSHIBA-DSR520CT Datasheet
171Kb / 4P
   High-Speed Switching Applications
More results

Similar Description - DSR50-40-48

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1180 SLPOWER-MINT1180 Datasheet
384Kb / 3P
   180W SINGLE OUTPUT MEDICAL SERIES
logo
Mean Well Enterprises C...
SDM30 MEANWELL-SDM30_11 Datasheet
362Kb / 3P
   30W DC-DC Single Output
IRM-30 MEANWELL-IRM-30 Datasheet
90Kb / 4P
   30W Single Output Encapsulated Type
RPS-30 MEANWELL-RPS-30_15 Datasheet
105Kb / 4P
   30W Single Output Medical Type
SDM30 MEANWELL-SDM30 Datasheet
359Kb / 3P
   30W DC-DC Single Output
logo
DIWELL Electronics Co.,...
IRM-30 DIWELL-IRM-30 Datasheet
64Kb / 2P
   30W Single Output Encapsulated Type
2014-12-26
logo
Mean Well Enterprises C...
PLN-30 MEANWELL-PLN-30_11 Datasheet
200Kb / 3P
   30W Single Output LED Power Supply
PLP-30 MEANWELL-PLP-30_11 Datasheet
330Kb / 3P
   30W Single Output LED Power Supply
PLC-30 MEANWELL-PLC-30_12 Datasheet
245Kb / 3P
   30W Single Output LED Power Supply
DRC-180 MEANWELL-DRC-180 Datasheet
728Kb / 5P
   180W Single Output with Battery Charger(UPS Function)
2022-03-02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com