Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GEN300-2.5 Datasheet(PDF) 6 Page - DENSEI-LAMBDA

Part # GEN300-2.5
Description  Programmable DC Power Supplies 750W/1500W
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

GEN300-2.5 Datasheet(HTML) 6 Page - DENSEI-LAMBDA

  GEN300-2.5 Datasheet HTML 1Page - DENSEI-LAMBDA GEN300-2.5 Datasheet HTML 2Page - DENSEI-LAMBDA GEN300-2.5 Datasheet HTML 3Page - DENSEI-LAMBDA GEN300-2.5 Datasheet HTML 4Page - DENSEI-LAMBDA GEN300-2.5 Datasheet HTML 5Page - DENSEI-LAMBDA GEN300-2.5 Datasheet HTML 6Page - DENSEI-LAMBDA GEN300-2.5 Datasheet HTML 7Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Genesys™ Power Parallel and Series Configurations
Parallel operation - Master/ Slave:
Active current sharing allows up to 4 units to be connected in an auto
parallel configuration for four times the output power.
Series operation
Up to two units may be connected in series to increase the output
voltage or to provide bipolar output. (Max 600V to Chassis Ground)
Remote Programming via RS232&RS485 Interface
Standard Serial Interface allows chain control of up to 31 power
supplies on the same bus with built in RS232&485 Interface
Programming Options (Factory installed)
Digital Programming via IEEE Interface
P/N: IEEE
• IEEE 488.2 Compliant
• SCPI Compliant
• Program Voltage
• Program Current
• Measure Voltage
• Measure Current
• Over Voltage setting and shutdown
• Current Foldback shutdown
• Error and Status Messages
Isolated Analog Programming
Four Channels to Program and Monitor Voltage and Current
Isolation allows operation with floating references and difficult electrical environments.
Choose between programming with Voltage or Current.
Connection via Removable terminal block P/N: Phoenix MC1,5/8-ST-3.81
P/N: IS510 - Voltage Programming, user selectable 0-5V or 0-10V signal
Power supply Voltage and Current Programming accuracy +/-1%
Power supply Voltage and Current Monitoring accuracy +/-1.5%
P/N: IS420 - Current Programming with 4-20mA signal
Power supply Voltage and Current Programming accuracy +/-1%
Power supply Voltage and Current Monitoring accuracy +/-1.5%
Genesys™ 750W/1500W-1U
5|


Similar Part No. - GEN300-2.5

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
GEN300-2.5 TDK-GEN300-2.5 Datasheet
112Kb / 2P
   Programmable Power Supplies
More results

Similar Description - GEN300-2.5

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E36103A KEYSIGHT-E36103A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
E3646A KEYSIGHT-E3646A Datasheet
808Kb / 6P
   Programmable DC Power Supplies
logo
B&K Precision Corporati...
9120A BK-9120A Datasheet
800Kb / 3P
   Programmable DC Power Supplies
logo
Keysight Technologies
E3633A KEYSIGHT-E3633A Datasheet
997Kb / 5P
   Programmable DC Power Supplies
E3632A KEYSIGHT-E3632A Datasheet
997Kb / 5P
   Programmable DC Power Supplies
E3645A KEYSIGHT-E3645A Datasheet
808Kb / 6P
   Programmable DC Power Supplies
logo
List of Unclassifed Man...
1785A ETC2-1785A Datasheet
109Kb / 1P
   Programmable DC Power Supplies
logo
Keysight Technologies
E36105A KEYSIGHT-E36105A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
E36106A KEYSIGHT-E36106A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
E3642A KEYSIGHT-E3642A Datasheet
808Kb / 6P
   Programmable DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com