Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R71A225KE15 Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # GRM188R71A225KE15
Description  1.5A Single Flash LED Driver IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

GRM188R71A225KE15 Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button GRM188R71A225KE15 Datasheet HTML 5Page - Skyworks Solutions Inc. GRM188R71A225KE15 Datasheet HTML 6Page - Skyworks Solutions Inc. GRM188R71A225KE15 Datasheet HTML 7Page - Skyworks Solutions Inc. GRM188R71A225KE15 Datasheet HTML 8Page - Skyworks Solutions Inc. GRM188R71A225KE15 Datasheet HTML 9Page - Skyworks Solutions Inc. GRM188R71A225KE15 Datasheet HTML 10Page - Skyworks Solutions Inc. GRM188R71A225KE15 Datasheet HTML 11Page - Skyworks Solutions Inc. GRM188R71A225KE15 Datasheet HTML 12Page - Skyworks Solutions Inc. GRM188R71A225KE15 Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AAT1274
1.5A Single Flash LED Driver IC
DATA SHEET
9
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201981A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 21, 2012
Functional Description
The AAT1274 is a boost converter with a current regu-
lated output designed to drive high current white LED
used in camera flash applications. The AAT1274 has a
constant current sink channel to accurately regulate the
current flow through a high current, high intensity white
flash LED. The AAT1274 has two basic operating modes;
a flash mode controlled by the FLEN pin and the movie/
torch light mode controlled through the AS2Cwire inter-
face.
Flash Mode
A flash pulse may be initiated by pulling the FLEN input
pin from a logic low-to-high state, which initiates a flash
pulse. The maximum flash current in the AAT1274 is set
by an external resistor, RSET, which sets the flash current
and the maximum movie-mode current.
In mobile GSM systems where the phone remains in
constant contact with the base station by regular com-
munication, a FLINH pin is provided to prevent both the
camera flash and PA transmission pulses from occurring
simultaneously. This avoids potential dips to the Li-ion
battery voltage below the system’s undervoltage lockout
threshold (UVLO). During a flash event, strobing the
FLINH pin low-to-high reduces the LED current to the
default movie-mode current level for the duration of
FLINH. Strobing FLINH high-to-low instructs the AAT1274
to revert the flash LED current to its maximum level,
assuming that the FLEN pin is still active (high).
Movie (Torch) Mode
The movie / torch mode current level, and the flash to
maximum movie mode current ratio are programmed by
the AAT1274 AS2Cwire interface. The movie-mode cur-
rent level can be adjusted to one of 16 steps using a
logarithmic scale where each code level is 1dB below the
previous code. The flash to maximum movie mode cur-
rent ratio can be set from 1:2 to 1:30 with respect to the
maximum programmed flash current as set by the RSET
resistor. The manual FLEN signal has priority over movie-
mode operation.
Functional Block Diagram
System Control Enable
and AS2C Interface
OUT (to Flash LED)
FL
FLGND
RSET
PGND
AGND
FLEN
EN/SET
IN
SW
FLINH


Similar Part No. - GRM188R71A225KE15

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM188R71A225KE15 MURATA-GRM188R71A225KE15 Datasheet
779Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM188R71A225KE15D MURATA-GRM188R71A225KE15D Datasheet
85Kb / 7P
   CHIP MONOLITHIC CERAMIC CAPACITOR
logo
Analog Devices
GRM188R71A225KE15D AD-GRM188R71A225KE15D Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
logo
Texas Instruments
GRM188R71A225KE15D TI-GRM188R71A225KE15D Datasheet
3Mb / 16P
[Old version datasheet]   evaluation of the features of the TAS5548 PWM digital audio processor.
logo
Vishay Siliconix
GRM188R71A225KE15D VISHAY-GRM188R71A225KE15D Datasheet
715Kb / 19P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 20-Feb-12
More results

Similar Description - GRM188R71A225KE15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
Texas Instruments
LM3639A TI-LM3639A Datasheet
518Kb / 28P
[Old version datasheet]   Single Chip 40V Backlight 1.5A Flash LED Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Shanghai awinic technol...
AW3648 AWINIC-AW3648 Datasheet
2Mb / 37P
   High Efficiency, 1.5A Flash LED Driver
logo
Integrated Silicon Solu...
IS31BL3233A ISSI-IS31BL3233A Datasheet
456Kb / 13P
   2MHz, 1.5A FLASH/TORCH LED DRIVER
logo
Shanghai Consonance Ele...
CN5711 CONSONANCE-CN5711 Datasheet
167Kb / 8P
   1.5A High Brightness LED Driver IC
logo
Shanghai awinic technol...
AW3643 AWINIC-AW3643 Datasheet
2Mb / 39P
   High Efficiency, Dual 1.5A Flash LED Driver
AW36413 AWINIC-AW36413 Datasheet
2Mb / 37P
   High Efficiency, Dual 1.5A Flash LED Driver
AW36414 AWINIC-AW36414 Datasheet
2Mb / 39P
   High Efficiency, Dual Independent 1.5A Flash LED Driver
AW3644 AWINIC-AW3644 Datasheet
2Mb / 37P
   High Efficiency, Dual Independent 1.5A Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com