Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPT2020 Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # NPT2020
Description  GaN Wideband Transistor 48 V, 50 W
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT2020 Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button NPT2020_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT2020_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT2020_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPT2020_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPT2020_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. NPT2020_15 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. NPT2020_15 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. NPT2020_15 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. NPT2020_15 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
GaN Wideband Transistor 48 V, 50 W
DC - 3.5 GHz
NPT2020
10
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Rev. V1
Reference
Value
Tolerance
Vendor
Part Number
C1
2.7 pF
+/- 0.1pF
ATC
ATC800B2R7BT500X
C2
27 pF
5%
ATC
ATC800B270JT500X
C3, C5, C6
47pF
5%
ATC
ATC800B470JT500X
C4
10uF-16V
5%
Digikey
C2012X5R1C106M085AC
C7
1.0uF-100V
5%
Digikey
C12101C105KAT2A
C8
4.7uF
5%
Digikey
C5750X7R2A475K230KA
C9
100uF-63V
5%
Panasonic
ECE-V1JA101P
C10
3.9pF
+/- 0.1pF
ATC
ATC800B3R9BT500X
C11
39pF
5%
ATC
ATC800B390JT500X
C12
0.5pF
+/- 0.1pF
ATC
ATC800B0R5BT500X
C13
0.2pF
+/- 0.1pF
ATC
ATC800A0R2BT250X
L1
27nH
5%
Coilcraft
0908SQ-27N
R1
110 Ohms
5%
Digikey
CR1206-JW-1100ELF
R2
0.33 Ohms
5%
Digikey
ERJ-6RQFR33V
PCB
Rogers 6010LM, εr = 10.2, 25 mil
Parts list
Evaluation Board and Recommended Tuning Solution
1250-1850 MHz Broadband Circuit


Similar Part No. - NPT2020_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT2020 MA-COM-NPT2020 Datasheet
1Mb / 8P
   Gallium Nitride 48V, 50W, DC-3.5 GHz HEMT
More results

Similar Description - NPT2020_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT2022 MA-COM-NPT2022_14 Datasheet
1Mb / 11P
   GaN Wideband Transistor 48 V, 100 W
MAGX-011086 MA-COM-MAGX-011086_15 Datasheet
1Mb / 10P
   GaN Wideband Transistor 28 V, 4 W
MAGX-000035-05000P MA-COM-MAGX-000035-05000P_15 Datasheet
1Mb / 9P
   GaN Wideband 50 W Pulsed Transistor in Plastic Package
MAGX-000035-05000P MA-COM-MAGX-000035-05000P Datasheet
1Mb / 9P
   GaN Wideband 50 W Pulsed Transistor in Plastic Package
logo
TriQuint Semiconductor
QPD1016 TRIQUINT-QPD1016 Datasheet
1Mb / 25P
   50 V, 500 W GaN RF Transistor
logo
M/A-COM Technology Solu...
MAGX-011086-V1A MA-COM-MAGX-011086-V1A Datasheet
972Kb / 4P
   GaN Wideband Transistor 28 V
NPT1015B MA-COM-NPT1015B Datasheet
1Mb / 12P
   GaN Wideband Transistor 28 V, 45 W DC - 3.5 GHz
NPA1006 MA-COM-NPA1006 Datasheet
1Mb / 13P
   GaN Wideband Power Amplifier, 28 V, 12.5 W
logo
WOLFSPEED, INC.
CGHV40200PP WOLFSPEED-CGHV40200PP Datasheet
1Mb / 12P
   200 W, 50 V, GaN HEMT
Rev. 1.5, 2022-12-8
logo
Cree, Inc
CGHV40200PP CREE-CGHV40200PP Datasheet
713Kb / 13P
   200 W, 50 V, GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com