Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRPN401PAEN Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # PRPN401PAEN
Description  1.5A Single Flash LED Driver IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

PRPN401PAEN Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button PRPN401PAEN Datasheet HTML 3Page - Skyworks Solutions Inc. PRPN401PAEN Datasheet HTML 4Page - Skyworks Solutions Inc. PRPN401PAEN Datasheet HTML 5Page - Skyworks Solutions Inc. PRPN401PAEN Datasheet HTML 6Page - Skyworks Solutions Inc. PRPN401PAEN Datasheet HTML 7Page - Skyworks Solutions Inc. PRPN401PAEN Datasheet HTML 8Page - Skyworks Solutions Inc. PRPN401PAEN Datasheet HTML 9Page - Skyworks Solutions Inc. PRPN401PAEN Datasheet HTML 10Page - Skyworks Solutions Inc. PRPN401PAEN Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AAT1274
1.5A Single Flash LED Driver IC
DATA SHEET
7
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201981A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 21, 2012
Typical Characteristics
Flash Turn On Characteristic
(IFL = 1.5A; VIN = 3.6V; L = 1µH)
Time (50µs/div)
VFLEN
(5V/div)
IFL
(1A/div)
VFL
(2V/div)
VOUT
(2V/div)
0V
0V
0V
0V
Movie Mode to Flash Turn On Characteristic
(IFL = 206mA to 1.5A; VIN = 3.6V; L = 1µH)
Time (50µs/div)
VFLEN
(2V/div)
IFLOUTX
(1A/div)
VFL
(500mV/div)
VOUT
(2V/div)
0A
0V
2V
0V
Movie Mode Turn On Characteristic
(IFL = 206mA; VIN = 3.6V; L = 1µH)
Time (100µs/div)
VEN/SET
(5V/div)
IFL
(200mA/div)
VFL
(500mV/div)
VOUT
(2V/div)
0V
0A
0V
0V
Movie Mode Transition Characteristic
(IFL = 206mA to 376mA; COUT = 0.22µF;
VIN = 3.6V; L = 1µH)
Time (100µs/div)
VEN/SET
(2V/div)
IFL
(200mA/div)
VFL
(500mV/div)
VOUT
(2V/div)
0V
0A
0V
0V
EN, FLEN High Threshold Voltage
vs. Input Voltage
Input Voltage (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
85°C
25°C
-40°C
EN, FLEN Low Threshold Voltage
vs. Input Voltage
Input Voltage (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
85°C
25°C
-40°C


Similar Part No. - PRPN401PAEN

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
PRP MSYSTEM-PRP Datasheet
160Kb / 4P
   Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2 MSYSTEM-PRP-2 Datasheet
160Kb / 4P
   Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2-16-K3 MSYSTEM-PRP-2-16-K3 Datasheet
160Kb / 4P
   Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2-16-K3 MSYSTEM-PRP-2-16-K3 Datasheet
160Kb / 4P
   Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2-16-L3 MSYSTEM-PRP-2-16-L3 Datasheet
160Kb / 4P
   Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
More results

Similar Description - PRPN401PAEN

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
Texas Instruments
LM3639A TI-LM3639A Datasheet
518Kb / 28P
[Old version datasheet]   Single Chip 40V Backlight 1.5A Flash LED Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Shanghai awinic technol...
AW3648 AWINIC-AW3648 Datasheet
2Mb / 37P
   High Efficiency, 1.5A Flash LED Driver
logo
Integrated Silicon Solu...
IS31BL3233A ISSI-IS31BL3233A Datasheet
456Kb / 13P
   2MHz, 1.5A FLASH/TORCH LED DRIVER
logo
Shanghai Consonance Ele...
CN5711 CONSONANCE-CN5711 Datasheet
167Kb / 8P
   1.5A High Brightness LED Driver IC
logo
Shanghai awinic technol...
AW3643 AWINIC-AW3643 Datasheet
2Mb / 39P
   High Efficiency, Dual 1.5A Flash LED Driver
AW36413 AWINIC-AW36413 Datasheet
2Mb / 37P
   High Efficiency, Dual 1.5A Flash LED Driver
AW36414 AWINIC-AW36414 Datasheet
2Mb / 39P
   High Efficiency, Dual Independent 1.5A Flash LED Driver
AW3644 AWINIC-AW3644 Datasheet
2Mb / 37P
   High Efficiency, Dual Independent 1.5A Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com