Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD16401Q5 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD16401Q5
Description  25V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD16401Q5 Datasheet(HTML) 1 Page - Texas Instruments

  CSD16401Q5 Datasheet HTML 1Page - Texas Instruments CSD16401Q5 Datasheet HTML 2Page - Texas Instruments CSD16401Q5 Datasheet HTML 3Page - Texas Instruments CSD16401Q5 Datasheet HTML 4Page - Texas Instruments CSD16401Q5 Datasheet HTML 5Page - Texas Instruments CSD16401Q5 Datasheet HTML 6Page - Texas Instruments CSD16401Q5 Datasheet HTML 7Page - Texas Instruments CSD16401Q5 Datasheet HTML 8Page - Texas Instruments CSD16401Q5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
0
1
2
3
4
5
6
D007
TC = 25°C, I D = 40 A
TC = 125°C, I D = 40 A
Qg - Gate Charge (nC)
0
10
20
30
40
50
60
0
2
4
6
8
10
12
D004
ID = 40 A
VDS = 12.5 V
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0094-01
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
CSD16401Q5
SLPS200B – AUGUST 2009 – REVISED SEPTEMBER 2015
CSD16401Q5 25-V N-Channel NexFET™ Power MOSFET
1 Features
Product Summary
1
Ultralow Qg and Qgd
TA = 25°C
VALUE
UNIT
Low Thermal Resistance
VDS
Drain-to-Source voltage
25
V
Avalanche Rated
Qg
Gate Charge, Total (4.5 V)
21
nC
Qgd
Gate Charge, Gate-to-Drain
5.2
nC
SON 5-mm × 6-mm Plastic Package
VGS = 4.5 V
1.8
m
Drain-to-Source
RDS(on)
On Resistance
2 Applications
VGS = 10 V
1.3
m
VGS(th)
Threshold Voltage
1.5
V
Point-of-Load Synchronous Buck Converter for
Applications in Networking, Telecom and
Device Information(1)
Computing Systems
DEVICE
PACKAGE
MEDIA
QTY
SHIP
Optimized for Synchronous FET Applications
SON
13-inch
Tape and
CSD16401Q5
5 mm × 6 mm
2500
Reel
Reel
3 Description
Plastic Package
This 25-V, 1.3-m
Ω, 5-mm × 6-mm SON NexFET™
(1) For all available packages, see the orderable addendum at
power MOSFET has been designed to minimize
the end of the data sheet.
losses in power conversion applications.
Absolute Maximum Ratings
Top View
TA = 25°C
VALUE
UNIT
VDS
Drain-to-Source Voltage
25
V
VGS
Gate-to-Source Voltage
–12 to 16
V
Continuous Drain Current (Package
100
Limited)
ID
Continuous Drain Current (Silicon
A
261
Limited), TC = 25°C
Continuous Drain Current(1)
38
IDM
Pulsed Drain Current, TA = 25°C
(2)
240
A
Power Dissipation(1)
3.1
PD
W
Power Dissipation, , TC = 25°C
156
TJ,
Operating Junction and
–55 to 150
°C
Tstg
Storage Temperature
Added text for spacing
Avalanche Energy, Single Pulse
EAS
500
mJ
ID = 100 A, L = 0.1 mH, RG = 25 Ω
Added text for spacing
(1)
RθJA = 40°C/W on 1-in
2 (6.45-cm2) Cu [2 oz. (0.071-mm
Added text for spacing
thick)] on 0.060-inch (1.52-mm) thick FR4 PCB.
(2)
Max RθJC = 0.8°C/W, pulse duration ≤100 μs, duty cycle ≤1%
RDS(ON) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD16401Q5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16401Q5 TI1-CSD16401Q5 Datasheet
332Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results

Similar Description - CSD16401Q5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16415Q5 TI1-CSD16415Q5_15 Datasheet
948Kb / 16P
[Old version datasheet]   25V N-Channel NexFET Power MOSFET
logo
Advanced Analogic Techn...
AAT7103 ANALOGICTECH-AAT7103 Datasheet
131Kb / 4P
   25V N-Channel Power MOSFET
logo
Texas Instruments
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16322Q5 TI-CSD16322Q5 Datasheet
287Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com