Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2738XMY Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2738XMY
Description  1.5A Step-Down DC-DC Switching Regulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2738XMY Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2738XMY Datasheet HTML 6Page - Texas Instruments LM2738XMY Datasheet HTML 7Page - Texas Instruments LM2738XMY Datasheet HTML 8Page - Texas Instruments LM2738XMY Datasheet HTML 9Page - Texas Instruments LM2738XMY Datasheet HTML 10Page - Texas Instruments LM2738XMY Datasheet HTML 11Page - Texas Instruments LM2738XMY Datasheet HTML 12Page - Texas Instruments LM2738XMY Datasheet HTML 13Page - Texas Instruments LM2738XMY Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
0
0
VIN
VD
TON
t
t
Inductor
Current
D = TON/TSW
VSW
TOFF
TSW
IL
IPK
SW
Voltage
10
LM2738
SNVS556C – APRIL 2008 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: LM2738
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM2738 is a constant frequency PWM buck regulator device that delivers a 1.5-A load current. The regulator
has a preset switching frequency of either 550 kHz (LM2738Y) or 1.6 MHz (LM2738X). These high frequencies
allow the LM2738 to operate with small surface-mount capacitors and inductors, resulting in DC-DC converters
that require a minimum amount of board space. The LM2738 is internally compensated, so it is simple to use and
requires few external components. The LM2738 uses current-mode control to regulate the output voltage.
The LM2738 supplies a regulated output voltage by switching the internal NMOS control switch at constant
frequency and variable duty cycle. A switching cycle begins at the falling edge of the reset pulse generated by
the internal oscillator. When this pulse goes low, the output control logic turns on the internal NMOS control
switch. During this on time, the SW pin voltage (VSW) swings up to approximately VIN, and the inductor current
(IL) increases with a linear slope. IL is measured by the current-sense amplifier, which generates an output
proportional to the switch current. The sense signal is summed with the regulator’s corrective ramp and
compared to the error amplifier’s output, which is proportional to the difference between the feedback voltage
and VREF. When the PWM comparator output goes high, the output switch turns off until the next switching cycle
begins. During the switch off-time, inductor current discharges through Schottky diode D1, which forces the SW
pin to swing below ground by the forward voltage (VD) of the catch diode. The regulator loop adjusts the duty
cycle (D) to maintain a constant output voltage. See Functional Block Diagram and Figure 25.
Figure 25. LM2738 Waveforms of SW Pin Voltage and Inductor Current


Similar Part No. - LM2738XMY

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2738XMY NSC-LM2738XMY Datasheet
605Kb / 28P
   550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
LM2738XMYX NSC-LM2738XMYX Datasheet
605Kb / 28P
   550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
More results

Similar Description - LM2738XMY

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2738 NSC-LM2738 Datasheet
605Kb / 28P
   550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
logo
Texas Instruments
LM2738 TI-LM2738_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM2738 550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
logo
Eutech Microelectronics...
EUP3291 EUTECH-EUP3291 Datasheet
736Kb / 1P
   1.5A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Texas Instruments
LM2833 TI1-LM2833 Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Switching Regulator
logo
National Semiconductor ...
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
L5971 STMICROELECTRONICS-L5971 Datasheet
96Kb / 11P
   1.5A STEP DOWN SWITCHING REGULATOR
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
L4971 STMICROELECTRONICS-L4971_05 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com