Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0852 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0852
Description  Multiplexed Comparator with 8-Bit Reference Divider
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0852 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC0852 Datasheet HTML 1Page - National Semiconductor (TI) ADC0852 Datasheet HTML 2Page - National Semiconductor (TI) ADC0852 Datasheet HTML 3Page - National Semiconductor (TI) ADC0852 Datasheet HTML 4Page - National Semiconductor (TI) ADC0852 Datasheet HTML 5Page - National Semiconductor (TI) ADC0852 Datasheet HTML 6Page - National Semiconductor (TI) ADC0852 Datasheet HTML 7Page - National Semiconductor (TI) ADC0852 Datasheet HTML 8Page - National Semiconductor (TI) ADC0852 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AC Characteristics tr e tf e 20 ns TA e 25 C
Typ
Tested
Design
Symbol
Parameter
Conditions
(Note 4)
Limit
Limit
Units
(Note 5)
(Note 6)
fCLK
Clock Frequency
MIN
10
kHz
(Note 12)
MAX
400
kHz
tD1
Rising Edge of Clock
CL e 100 pF
650
1000
ns
to ‘‘DO’’ Enabled
tr
Comparator Response
Not Including
2 a 1 ms
1fCLK
Time (Note 13)
Addressing Time
Clock Duty Cycle
MIN
40
%
(Note 10)
MAX
60
%
tSET-UP
CS Falling Edge or
MAX
250
ns
Data Input Valid to
CLK Rising Edge
tHOLD
Data Input Valid after
MIN
90
ns
CLK Rising Edge
tpd1 tpd0
CLK Falling Edge to
MAX
CL e 100 pF
650
1000
ns
Output Data Valid
(Note 11)
t1H t0H
Rising Edge of CS to
MAX
CL e 10 pF RL e 10k
125
250
ns
Data Output Hi-Z
CL e 100 pF RL e 2k
500
500
ns
(see TRI-STATE Test Circuits)
CIN
Capacitance of Logic
5
pF
Input
COUT
Capacitance of Logic
5
pF
Outputs
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur DC and AC electrical specifications do not apply when
operating the device beyond its specified operating conditions
Note 2
All voltages are measured with respect to ground
Note 3
Internal zener diodes (approx 7V) are connected from Va to GND and VCC to GND The zener at Va can operate as a shunt regulator and is connected
to VCC via a conventional diode Since the zener voltage equals the AD’s breakdown voltage the diode ensures that VCC will be below breakdown when the
device is powered from Va Functionality is therefore guaranteed for Va operation even though the resultant voltage at VCC may exceed the specified Absolute
Max of 65V It is recommended that a resistor be used to limit the max current into Va
Note 4
Typicals are at 25 C and represent most likely parametric norm
Note 5
Tested and guaranteed to National AOQL (Average Outgoing Quality Level)
Note 6
Guaranteed but not 100% production tested These limits are not used to calculate outgoing quality levels
Note 7
Total unadjusted error includes comparator offset DAC linearity and multiplexer error It is expressed in LSBs of the threshold DAC’s input code
Note 8
For VIN(b)tVIN(a) the output will be 0 Two on-chip diodes are tied to each analog input (see Block Diagram) which will forward conduct for analog input
voltages one diode drop below ground or one diode drop greater than the VCC supply Be careful during testing at low VCC levels (45V) as high level analog inputs
(5V) can cause this input diode to conductespecially at elevated temperatures and cause errors for analog inputs near full-scale The spec allows 50 mV forward
bias of either diode This means that as long as the analog VIN or VREF does not exceed the supply voltage by more than 50 mV the output code will be correct To
achieve an absolute 0 VDC to5VDC input voltage range will therefore require a minimum supply voltage of 4950 VDC over temperature variations initial tolerance
and loading
Note 9
Leakage current is measured with the clock not switching
Note 10
A 40% to 60% clock duty cycle range ensures proper operation at all clock frequencies In the case that an available clock has a duty cycle outside of
these limits then 16 mS s CLK Low s 60 mS and 16 mS s CLK HIGH s %
Note 11
With CS low and programming complete D0 is updated on each falling CLK edge However each new output is based on the comparison completed 05
clock cycles prior (see
Figure 5 )
Note 12
Error specs are not guaranteed at 400 kHz (see graph Comparator Error vs fCLK)
Note 13
See text section 12
Note 14
Human body model 100 pF discharged through a 15 kX resistor
Note 15
Because the reference ladder of the ADC0852 is internally connected to VCC ladder resistance cannot be directly tested for the ADC0852 Ladder
current is included in the ADC0852’s supply current specification
4


Similar Part No. - ADC0852

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0852 TI1-ADC0852 Datasheet
557Kb / 22P
[Old version datasheet]   Multiplexed Comparator with 8-Bit Reference Divider
More results

Similar Description - ADC0852

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0854 TI1-ADC0854 Datasheet
557Kb / 22P
[Old version datasheet]   Multiplexed Comparator with 8-Bit Reference Divider
logo
Micrel Semiconductor
MIC841 MICREL-MIC841 Datasheet
62Kb / 8P
   Comparator with Reference
MIC841 MICREL-MIC841_05 Datasheet
485Kb / 8P
   Comparator with Reference
logo
Linear Technology
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
logo
Fairchild Semiconductor
DM74ALS520 FAIRCHILD-DM74ALS520 Datasheet
51Kb / 5P
   8-Bit Comparator
logo
Maxim Integrated Produc...
MAX1196 MAXIM-MAX1196 Datasheet
635Kb / 23P
   Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
19-2600; Rev 0; 9/02
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440 Datasheet
541Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com