Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAH50S48-15 Datasheet(PDF) 2 Page - DENSEI-LAMBDA

Part # PAH50S48-15
Description  Single output 50W ~ 200W DC-DC power module?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

PAH50S48-15 Datasheet(HTML) 2 Page - DENSEI-LAMBDA

  PAH50S48-15 Datasheet HTML 1Page - DENSEI-LAMBDA PAH50S48-15 Datasheet HTML 2Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100
PAH-SERIES
PAH50S,PAH75S,PAH100S,PAH150S,PAH200S
Note 1: “Model name, Input voltage range, Nominal output voltage, Maximum
output current and country of manufacture are shown here.
Note 2: Input & output terminal....................2-ø2
7-ø1
(Unit: mm)


Similar Part No. - PAH50S48-15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PAH NIEC-PAH Datasheet
251Kb / 4P
   400A Avg 800 Volts
PAH NIEC-PAH Datasheet
260Kb / 4P
   200A Avg 800 Volts
logo
Murata Power Solutions ...
PAH-28 MURATA-PS-PAH-28 Datasheet
705Kb / 21P
   Isolated, 350-Watt, Half-Brick DC-DC Converters
2016.7.21
PAH-28/12.5-D24 MURATA-PS-PAH-28/12.5-D24 Datasheet
705Kb / 21P
   Isolated, 350-Watt, Half-Brick DC-DC Converters
2016.7.21
PAH-28/12.5-D48 MURATA-PS-PAH-28/12.5-D48 Datasheet
705Kb / 21P
   Isolated, 350-Watt, Half-Brick DC-DC Converters
2016.7.21
More results

Similar Description - PAH50S48-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SD-200_1109 MEANWELL-SD-200_1109 Datasheet
467Kb / 3P
   200W Single Output DC-DC Converter
SD-50 MEANWELL-SD-50 Datasheet
382Kb / 2P
   50W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD50DRL ASTRODYNE-SD50DRL Datasheet
1Mb / 3P
   50W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-200 MEANWELL-SD-200_10 Datasheet
467Kb / 3P
   200W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-200 ASTRODYNE-SD-200 Datasheet
320Kb / 3P
   200W Single Output DC-DC Converter
SD200 ASTRODYNE-SD200 Datasheet
778Kb / 3P
   200W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-50_1109 MEANWELL-SD-50_1109 Datasheet
386Kb / 2P
   50W Single Output DC-DC Converter
SD-50 MEANWELL-SD-50_10 Datasheet
387Kb / 2P
   50W Single Output DC-DC Converter
SD-200 MEANWELL-SD-200 Datasheet
522Kb / 3P
   200W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD50 ASTRODYNE-SD50 Datasheet
949Kb / 2P
   50W Single Output DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com