Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ36002 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ36002
Description  SIMPLE SWITCHER 4.5V to 60V Input, 2-A Power Module
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ36002 Datasheet(HTML) 5 Page - Texas Instruments

  LMZ36002 Datasheet HTML 1Page - Texas Instruments LMZ36002 Datasheet HTML 2Page - Texas Instruments LMZ36002 Datasheet HTML 3Page - Texas Instruments LMZ36002 Datasheet HTML 4Page - Texas Instruments LMZ36002 Datasheet HTML 5Page - Texas Instruments LMZ36002 Datasheet HTML 6Page - Texas Instruments LMZ36002 Datasheet HTML 7Page - Texas Instruments LMZ36002 Datasheet HTML 8Page - Texas Instruments LMZ36002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
LMZ36002
www.ti.com
SNVSA92A – SEPTEMBER 2015 – REVISED SEPTEMBER 2015
Product Folder Links: LMZ36002
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
ƒSW
Switching frequency
200
1000
kHz
TA
Operating ambient temperature
–40
105
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
LMZ36002
UNIT
RVQ (QFN)
43 PINS
RθJA
Junction-to-ambient thermal resistance
14
°C/W
ψJT
Junction-to-top characterization parameter
2.6
°C/W
ψJB
Junction-to-board characterization parameter
9
°C/W


Similar Part No. - LMZ36002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
671Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
More results

Similar Description - LMZ36002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ34202 TI1-LMZ34202 Datasheet
629Kb / 31P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
807Kb / 30P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
LMZ30604EVM-001 TI-LMZ30604EVM-001 Datasheet
363Kb / 16P
[Old version datasheet]   LMZ30604EVM-001 2-A to 6-A Simple Switcher Power Module
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
logo
Maxim Integrated Produc...
MAX17501HTEVKIT MAXIM-MAX17501HTEVKIT Datasheet
1Mb / 9P
   Operates from a 4.5V to 60V Input Supply
Rev 0; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com