Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NNS50-15 Datasheet(PDF) 2 Page - DENSEI-LAMBDA

Part # NNS50-15
Description  Linear power supply single output 15W ~ 50W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

NNS50-15 Datasheet(HTML) 2 Page - DENSEI-LAMBDA

  NNS50-15 Datasheet HTML 1Page - DENSEI-LAMBDA NNS50-15 Datasheet HTML 2Page - DENSEI-LAMBDA NNS50-15 Datasheet HTML 3Page - DENSEI-LAMBDA NNS50-15 Datasheet HTML 4Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
51
NNS-SERIES
NNS15
NNS30
NNS50
(Unit: mm)
(LEFT SIDE VIEW)
(BOTTOM VIEW)
(FRONT VIEW)
(LEFT SIDE VIEW)
(FRONT VIEW)
(BOTTOM VIEW)
(RIGHT SIDE VIEW)
(Unit: mm)
(Unit: mm)
(BOTTOM VIEW)
(FRONT VIEW)
4-M4 MOUNTING
(DEPTH 6mm MAX)
INPUT VOLTAGE
SELECTOR


Similar Part No. - NNS50-15

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NNS50-15 TDK-NNS50-15 Datasheet
213Kb / 1P
   AC-DC Power Supplies
More results

Similar Description - NNS50-15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
LPS50 ASTRODYNE-LPS50 Datasheet
314Kb / 4P
   50W Single Output Switching Power Supply
logo
Total Power Internation...
NES-15 TOTAL-POWER-NES-15 Datasheet
276Kb / 2P
   15W Single Output Switching Power Supply
NES-50 TOTAL-POWER-NES-50 Datasheet
231Kb / 2P
   50W Single Output Switching Power Supply
logo
RSG Electronic Componen...
LPS-50 RSG-LPS-50 Datasheet
203Kb / 2P
   50W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
LPS-50 MEANWELL-LPS-50 Datasheet
218Kb / 2P
   50W Single Output Switching Power Supply
RS-50 MEANWELL-RS-50_11 Datasheet
234Kb / 2P
   50W Single Output Switching Power Supply
LPS-50 MEANWELL-LPS-50_10 Datasheet
221Kb / 2P
   50W Single Output Switching Power Supply
LPS-50_1108 MEANWELL-LPS-50_1108 Datasheet
220Kb / 2P
   50W Single Output Switching Power Supply
logo
DENSEI-LAMBDA
LWD50 LAMBDA-LWD50 Datasheet
118Kb / 2P
   Dual output 15W ~ 50W
logo
XP Power Limited
LPS-50-3.3 XPPOWER-LPS-50-3.3 Datasheet
675Kb / 4P
   50W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com