Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65070RSLT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65070RSLT
Description  Single Chip Power Solution for Battery Powered Systems
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65070RSLT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65070RSLT Datasheet HTML 5Page - Texas Instruments TPS65070RSLT Datasheet HTML 6Page - Texas Instruments TPS65070RSLT Datasheet HTML 7Page - Texas Instruments TPS65070RSLT Datasheet HTML 8Page - Texas Instruments TPS65070RSLT Datasheet HTML 9Page - Texas Instruments TPS65070RSLT Datasheet HTML 10Page - Texas Instruments TPS65070RSLT Datasheet HTML 11Page - Texas Instruments TPS65070RSLT Datasheet HTML 12Page - Texas Instruments TPS65070RSLT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 98 page
background image
TPS65070, TPS65072
TPS65073, TPS650731, TPS650732
www.ti.com
SLVS950H – JULY 2009 – REVISED SEPTEMBER 2015
8.4 Thermal Information
TPS65070x
THERMAL METRIC(1)
RSL (VQFN)
UNIT
48 PINS
RθJA
Junction-to-ambient thermal resistance
30
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
16
°C/W
RθJB
Junction-to-board thermal resistance
5.3
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
5.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
8.5 Electrical Characteristics
VSYS = 3.6 V, EN_DCDCx = VSYS, L = 2.2 µH, COUT = 10 µF, TA = –40°C to 85°C typical values are at TA = 25°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VINDCDC Input voltage range for DC-DC converters
2.8
6.3
V
Only DCDC2, DCDC3 and LDO1 enabled, device in ON-
140
mode; DCDC converters in PFM
Per DC/DC converter, PFM mode
19
30
µA
Operating quiescent current
For LDO1 or LDO2 (either one enabled)
20
35
IQ
Total current into VSYS, VINDCDCx, VINLDO1/2
For LDO1 and LDO2 (both enabled)
34
For wLED converter
1.5
mA
Per DC/DC converter, PWM mode
2.5
All converters, LDOs, wLED driver and ADC disabled, no
ISD
Shutdown current
input voltage at AC and USB;
8
12
µA
SYS voltage turned off
–2%
2.8
2%
Voltage at the output of the power manager detected at pin
3
VUVLO
Undervoltage lockout threshold
SYS; falling voltage, voltage defined with <UVLO0>,
V
3.1
<UVLO1> DEFAULT: 3 V
3.25
360
Rising voltage defined with <UVLO hysteresis>; DEFAULT:
Undervoltage lockout hysteresis
mV
500 mV
450
Undervoltage lockout deglitch time
Due to internal delay
4
ms
Thermal shutdown for DCDC converters, wLED
TSD
Increasing junction temperature
150
°C
driver and LDOs
Thermal shutdown hysteresis
Decreasing junction temperature
20
°C
EN_DCDC1, EN_DCDC2, EN_DCDC3, DEFDCDC2, DEFDCDC3, SDAT, SCLK, EN_wLED (optional)
High Level Input Voltage, EN_DCDC1,
VIH
EN_DCDC2, EN_DCDC3, DEFDCDC2,
1.2
VSYS
V
DEFDCDC3, SDAT, SCLK, EN_wLED
Low Level Input Voltage, EN_DCDC1,
VIL
EN_DCDC2, EN_DCDC3, DEFDCDC2,
0
0.4
V
DEFDCDC3, SDAT, SCLK, EN_wLED
Input bias current, EN_DCDC1, EN_DCDC2,
IIN
EN_DCDC3, DEFDCDC2, DEFDCDC3, SDAT,
0.01
1
µA
SCLK
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS65070 TPS65072 TPS65073 TPS650731 TPS650732


Similar Part No. - TPS65070RSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070RSLT TI-TPS65070RSLT Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65070RSLT TI-TPS65070RSLT Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070RSLT TI-TPS65070RSLT Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS65070RSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65471 TI1-TPS65471 Datasheet
851Kb / 32P
[Old version datasheet]   SINGLE-CHIP POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com