Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65000RTET Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65000RTET
Description  Step-Down Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65000RTET Datasheet(HTML) 3 Page - Texas Instruments

  TPS65000RTET Datasheet HTML 1Page - Texas Instruments TPS65000RTET Datasheet HTML 2Page - Texas Instruments TPS65000RTET Datasheet HTML 3Page - Texas Instruments TPS65000RTET Datasheet HTML 4Page - Texas Instruments TPS65000RTET Datasheet HTML 5Page - Texas Instruments TPS65000RTET Datasheet HTML 6Page - Texas Instruments TPS65000RTET Datasheet HTML 7Page - Texas Instruments TPS65000RTET Datasheet HTML 8Page - Texas Instruments TPS65000RTET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
TPS65000, TPS65001, TPS650001
TPS650003, TPS650006, TPS650061
www.ti.com
SLVS810C – JUNE 2009 – REVISED SEPTEMBER 2015
5 Description (continued)
The TPS65001 extends functionality by adding a supply voltage supervisor (SVS). To maximize the flexibility of
the SVS, the reset voltage is set with two external resistors and the reset time is set by a small external
capacitor. For external control, the SVS can use its active-low manual reset input to connect to a push button.
The TPS65000 is available in a 16-pin leadless package (3 mm × 3 mm QFN). The TPS65001 is available in a
20-pin leadless package (3 mm × 3 mm QFN).
6 Device Options
PART NUMBER(1)(2)
OPTIONS
SVS
SSC
TPS65000
N/A
Included
LDO voltages externally adjustable DC-DC
converters 600 mA, VOUT externally adjustable
TPS65001
Included
Included
LDO1 = 1.8 V fixed,
LDO2 = 2.8 V fixed,
TPS650001
N/A
Included
DC-DC Converter 600 MA, DCDC VOUT = 1.2 V
fixed
LDO1 = 3.3 V fixed,
LDO2 = 1.8 V fixed,
TPS650003
N/A
Included
DC-DC Converter 600 MA, DCDC VOUT = 1.5 V
fixed
LDO1 = 1.8 V fixed,
LDO2 = 3.3 V fixed,
TPS650006
N/A
Included
DC-DC Converter 600 MA, DCDC VOUT = 1.2 V
fixed
LDO1 = 3.3 V fixed,
TPS650061
LDO2 = 1.8 V fixed,
Included
Included
DC-DC Converter 1 A, VOUT externally adjustable
(1)
TPS650001, TPS650003, and TPS650006 are spin versions of TPS65000. TPS650061 is a spin version of TPS65001. Different DC-DC
current limits and fixed voltage outputs of the DC-DC and LDOs are available. Please contact your TI sales representative for further
information.
(2)
For the most current package and ordering information, see the Mechanical, Packaging, and Orderable Information at the end of this
document, or see the TI website at www.ti.com.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS65000 TPS65001 TPS650001 TPS650003 TPS650006 TPS650061


Similar Part No. - TPS65000RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65000RTET TI-TPS65000RTET Datasheet
2Mb / 30P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS65000RTET TI1-TPS65000RTET Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
More results

Similar Description - TPS65000RTET

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM6230 SGMICRO-SGM6230 Datasheet
349Kb / 14P
   Step-Down Converter
logo
Richtek Technology Corp...
RT6212C RICHTEK-RT6212C Datasheet
848Kb / 16P
   Step-Down Converter
logo
SG Micro Corp
SGM6130 SGMICRO-SGM6130 Datasheet
347Kb / 14P
   Step-Down Converter
logo
Maxim Integrated Produc...
MAX16935 MAXIM-MAX16935 Datasheet
1Mb / 17P
   Step-Down Converter
Rev 2; 3/14
logo
Richtek Technology Corp...
RT6212A RICHTEK-RT6212A Datasheet
1Mb / 18P
   Step-Down Converter
logo
Exar Corporation
XRP6668 EXAR-XRP6668 Datasheet
614Kb / 11P
   Step Down Converter
logo
Bookly Micro electronic
BM1410A BOOKLY-BM1410A Datasheet
515Kb / 8P
   Step-Down Converter
logo
Advanced Analogic Techn...
AAT1120 ANALOGICTECH-AAT1120 Datasheet
717Kb / 20P
   500mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
   1MHz Step-Down Converter
AAT1145 SKYWORKS-AAT1145 Datasheet
1Mb / 18P
   1.5A Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com