Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65200YFFT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65200YFFT
Description  Li Battery Charger With WLED Driver and Current Shunt Monitor
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65200YFFT Datasheet(HTML) 1 Page - Texas Instruments

  TPS65200YFFT Datasheet HTML 1Page - Texas Instruments TPS65200YFFT Datasheet HTML 2Page - Texas Instruments TPS65200YFFT Datasheet HTML 3Page - Texas Instruments TPS65200YFFT Datasheet HTML 4Page - Texas Instruments TPS65200YFFT Datasheet HTML 5Page - Texas Instruments TPS65200YFFT Datasheet HTML 6Page - Texas Instruments TPS65200YFFT Datasheet HTML 7Page - Texas Instruments TPS65200YFFT Datasheet HTML 8Page - Texas Instruments TPS65200YFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
0
100
200
300
400
500
600
700
800
900
1000
0
2000
4000
6000
8000
10000
12000
time [s]
3.80
3.85
3.90
3.95
4.00
4.05
4.10
4.15
4.20
4.25
4.30
Charging Current
Battery Voltage
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS65200
SLVSA48A – APRIL 2010 – REVISED SEPTEMBER 2015
TPS65200 Li+ Battery Charger With WLED Driver and Current Shunt Monitor
1 Features
Up to 90% Efficiency
Current Shunt Monitor
1
Battery Switching Charger, WLED Driver, and
Current Shunt Monitor in a Single Package
Fixed Gain of 25 V/V
Battery Charger
Input Referred Offset Voltage Less Than
±40 µV Typical Enables Use of Shunt
Charges Faster Than Linear Chargers
Resistors as Low as 20 m
Ω
High-Accuracy Voltage and Current Regulation
Buffered Reference Voltage
Input Current Regulation Accuracy: ±5%
Package
(100 mA, 500 mA)
36-Ball, 0.4-mm Pitch DSBGA Package
Charge Voltage Regulation Accuracy:
±0.5% (25°C)
2 Applications
±1% (0 - 125°C)
Mobile Phones and Smart Phones
Charge Current Regulation Accuracy: ±5%
MP3 Players
Bad Adaptor Detection and Rejection
Portable Navigation Devices
Safety Limit Register for Maximum Charge
Voltage and Current Limiting
Handheld Devices
High-Efficiency Mini-USB/AC Battery Charger
3 Description
for Single-Cell Li-Ion and Li-Polymer Battery
Packs
The TPS65200 device integrates a high-efficiency,
USB-friendly
switched-mode
charger
with
OTG
Built-In Input Current Sensing and Limiting
support for single-cell Li-ion and Li-polymer batteries,
Integrated Power FETs for Up to 1.25-A
D+D- detection, a 50-mA fixed-voltage LDO, a high-
Charge Rate
efficiency WLED boost converter, and high-accuracy
Programmable Charge Parameters through I2C
current-shunt monitor into a single chip.
Interface (Up to 400 Kbps):
The TPS65200 comes in a tiny, 2.8-mm × 2.6-mm,
Input Current
36-pin,
0.4-mm
pitch
die
size
ball
grid
array
(DSBGA).
Fast-Charge/Termination Current
Charge Voltage (3.5 V - 4.44 V)
Device Information(1)
Safety Timer
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Termination Enable
TPS65200
DSBGA (36)
2.60 mm × 2.90 mm
Synchronous Fixed-Frequency PWM
(1) For all available packages, see the orderable addendum at
Controller Operating at 3 MHz With 0% to
the end of the data sheet.
99.5% Duty Cycle
Charging Curve
Safety Timer With Reset Control
Reverse Leakage Protection Prevents Battery
Drainage
Thermal Regulation and Protection
Input/Output Overvoltage Protection
Automatic Charging
Boost Mode Operation for USB OTG
Input Voltage Range (VSYS): 2.5 V to
4.5 V
Output Voltage for VBUS: 5 V
WLED Driver
35-V Open LED Protection for Up to 8 LEDs
200-mV Reference Voltage With ±2%
Accuracy
Built-In Soft Start for WLED Boost
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS65200YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65200YFFT TI1-TPS65200YFFT Datasheet
2Mb / 60P
[Old version datasheet]   LI BATTERY CHARGER WITH WLED DRIVER AND CURRENT SHUNT MONITOR
More results

Similar Description - TPS65200YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65200 TI1-TPS65200 Datasheet
2Mb / 60P
[Old version datasheet]   LI BATTERY CHARGER WITH WLED DRIVER AND CURRENT SHUNT MONITOR
logo
Linear Technology
LTC4070 LINER-LTC4070 Datasheet
188Kb / 16P
   Li-Ion/Polymer Shunt Battery Charger System
LTC4070 LINER-LTC4070_15 Datasheet
224Kb / 16P
   Li-Ion/Polymer Shunt Battery Charger System
logo
Linear Integrated Syste...
LTC4071 LINEAR-LTC4071 Datasheet
247Kb / 18P
   Li-Ion/Polymer Shunt Battery Charger System with Low Battery Disconnect
logo
Linear Technology
LTC4071 LINER-LTC4071_15 Datasheet
247Kb / 18P
   Li-Ion/Polymer Shunt Battery Charger System with Low Battery Disconnect
logo
ACE Technology Co., LTD...
ACE517 ACE-ACE517 Datasheet
213Kb / 8P
   WLED Linear Driver for Li-lon Battery Application
VER 1.2
logo
List of Unclassifed Man...
PJ3963 ETC-PJ3963 Datasheet
175Kb / 4P
   Li-battery charger
logo
Micro Analog systems
MAS6260 MAS-MAS6260 Datasheet
364Kb / 9P
   Li-ion and LiPo battery charger with LDO
logo
Anpec Electronics Corop...
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
APL3202 ANPEC-APL3202 Datasheet
275Kb / 18P
   Li Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com