Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650731RSLR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650731RSLR
Description  Single Chip Power Solution for Battery Powered Systems
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650731RSLR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS650731RSLR Datasheet HTML 4Page - Texas Instruments TPS650731RSLR Datasheet HTML 5Page - Texas Instruments TPS650731RSLR Datasheet HTML 6Page - Texas Instruments TPS650731RSLR Datasheet HTML 7Page - Texas Instruments TPS650731RSLR Datasheet HTML 8Page - Texas Instruments TPS650731RSLR Datasheet HTML 9Page - Texas Instruments TPS650731RSLR Datasheet HTML 10Page - Texas Instruments TPS650731RSLR Datasheet HTML 11Page - Texas Instruments TPS650731RSLR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 98 page
background image
TPS65070, TPS65072
TPS65073, TPS650731, TPS650732
SLVS950H – JULY 2009 – REVISED SEPTEMBER 2015
www.ti.com
Recommended Operating Conditions (continued)
MIN
NOM
MAX
UNIT
IBAT
Current at BAT pin
2
A
DCDC CONVERTERS AND LDOs
VINDCDC
Input voltage range for step-down converter DCDC1, DCDC2, DCDC3
2.8
6.3(1)
V
VDCDC1
Output voltage range for VDCDC1 step-down converter
0.6
VINDCDC1
V
VDCDC2
Output voltage range for VDCDC2, DCDC3 step-down converter
0.6
VINDCDC2
V
VINLDOx
Input voltage range for LDO1 and LDO2
1.8
6.3(1)
V
VLDO1
Output voltage range for LDO1
0.9
3.3
V
VLDO2
Output voltage range for LDO2
0.8
3.3
V
IOUTDCDC1
Output current at L1; except TPS650701
600
mA
IOUTDCDC1
Output current at L1 for TPS650701
1200
mA
L1
Inductor at L1 (2)
1.5
2.2
µH
CINDCDC12
Input Capacitor at VINDCDC1 and VINDCDC2 (2)
22
µF
COUTDCDC1
Output Capacitor at VDCDC1(2)
10
22
µF
IOUTDCDC2
Output current at L2;
1500
mA
L2
Inductor at L2(2)
1.5
2.2
µH
COUTDCDC2
Output Capacitor at VDCDC2 (2)
10
22
µF
IOUTDCDC3
Output current at L3;except TPS65072
1500
mA
IOUTDCDC3
Output current at L3 for TPS65072
600
mA
L3
Inductor at L3(2)
1.5
2.2
µH
CINDCDC3
Input Capacitor at VINDCDC3(2)
10
µF
COUTDCDC3
Output Capacitor at VDCDC3(2)
10
22
µF
L4
Inductor at L4 (2)
22
µH
COUTWLED
Output Capacitor at wLED boost converter
4.7
µF
CINLDO1/2
Input Capacitor at VINLDO1/2
2.2
µF
COUTLDO1
Output Capacitor at VLDO1
2.2
µF
IOUTLDO1
Output Current at VLDO1
100
mA
COUTLDO2
Output Capacitor at VLDO2
2.2
µF
IOUTLDO2
Output Current at VLDO2
100
mA
CAC
Input Capacitor at AC
1
µF
CUSB
Input Capacitor at USB
1
µF
CBAT
Capacitor at BAT pin
10
µF
CSYS
Capacitor at SYS pin
22
100 (3)
µF
CBYPASS
Capacitor at BYPASS pin
10
µF
CINT_LDO
Capacitor at INT_LDO pin
2.2
µF
CAVDD6
Capacitor at AVDD6 pin
4.7
µF
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
6.3 V or VSYS whichever is less.
(2)
See Application Information for more details.
(3)
For proper soft-start.
8
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPS65070 TPS65072 TPS65073 TPS650731 TPS650732


Similar Part No. - TPS650731RSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650731RSLR TI-TPS650731RSLR Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS650731RSLR TI-TPS650731RSLR Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650731RSLR TI-TPS650731RSLR Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS650731RSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65471 TI1-TPS65471 Datasheet
851Kb / 32P
[Old version datasheet]   SINGLE-CHIP POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com