Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650061RUKR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650061RUKR
Description  Step-Down Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650061RUKR Datasheet(HTML) 4 Page - Texas Instruments

  TPS650061RUKR Datasheet HTML 1Page - Texas Instruments TPS650061RUKR Datasheet HTML 2Page - Texas Instruments TPS650061RUKR Datasheet HTML 3Page - Texas Instruments TPS650061RUKR Datasheet HTML 4Page - Texas Instruments TPS650061RUKR Datasheet HTML 5Page - Texas Instruments TPS650061RUKR Datasheet HTML 6Page - Texas Instruments TPS650061RUKR Datasheet HTML 7Page - Texas Instruments TPS650061RUKR Datasheet HTML 8Page - Texas Instruments TPS650061RUKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
VINLDO1
15
VLDO1
14
FB_DCDC
11
AGND
12
FB_LDO1
13
MR
1
TRST
2
PG
5
EN_LDO2
4
EN_LDO1
3
Exposed
Thermal Pad
Exposed
Thermal Pad
EN_LDO1
1
VLDO1
12
EN_LDO2
2
FB_LDO1
11
AGND
10
PG
3
FB_DCDC
9
PGND
4
TPS65000, TPS65001, TPS650001
TPS650003, TPS650006, TPS650061
SLVS810C – JUNE 2009 – REVISED SEPTEMBER 2015
www.ti.com
7 Pin Configuration and Functions
RTE Package
RUK Package
16-Pin WQFN With Exposed Thermal Pad
20-Pin WQFN With Exposed Thermal Pad
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
16-PIN RTE
20-PIN RUK
AGND
10
12
Analog ground - Start back to PGND as close to the IC as possible.
EN_DCDC
8
10
I
Enable DC-DC converter
EN_LDO1
1
3
I
Enable LDO1
EN_LDO2
2
4
I
Enable LDO2
FB_DCDC
9
11
I
Voltage to DC-DC error amplifier
FB_LDO1
11
13
I
Voltage to LDO1 error amplifier
FB_LDO2
14
16
I
Voltage to LDO2 error amplifier
MODE
7
9
I
Selects force PWM or PWM/PFM automatic-transition mode
MR
1
I
Active-low input to force a reset. (1)
PG
3
5
O
Open-drain active low power good output.
PGND
4
6
Power ground – Connected to the thermal pad
RST
20
O
Open-drain active low reset output
RSTSNS
19
I
Voltage for RST generation
SW
5
7
O
Switch pin – connect inductor here
TRST
2
I/O
Capacitor connection for setting reset time
VINDCDC
6
8
I
Input voltage to DC-DC converter and all other control blocks
VINLDO1
13
15
I
Input voltage to LDO1
VINLDO2
16
18
I
Input voltage to LDO2
VLDO1
12
14
O
LDO1 output voltage
VLDO2
15
17
O
LDO2 output voltage
(1)
External pull up on MR is required.
4
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPS65000 TPS65001 TPS650001 TPS650003 TPS650006 TPS650061


Similar Part No. - TPS650061RUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650061RUKR TI1-TPS650061RUKR Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
More results

Similar Description - TPS650061RUKR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM6230 SGMICRO-SGM6230 Datasheet
349Kb / 14P
   Step-Down Converter
logo
Richtek Technology Corp...
RT6212C RICHTEK-RT6212C Datasheet
848Kb / 16P
   Step-Down Converter
logo
SG Micro Corp
SGM6130 SGMICRO-SGM6130 Datasheet
347Kb / 14P
   Step-Down Converter
logo
Maxim Integrated Produc...
MAX16935 MAXIM-MAX16935 Datasheet
1Mb / 17P
   Step-Down Converter
Rev 2; 3/14
logo
Richtek Technology Corp...
RT6212A RICHTEK-RT6212A Datasheet
1Mb / 18P
   Step-Down Converter
logo
Exar Corporation
XRP6668 EXAR-XRP6668 Datasheet
614Kb / 11P
   Step Down Converter
logo
Bookly Micro electronic
BM1410A BOOKLY-BM1410A Datasheet
515Kb / 8P
   Step-Down Converter
logo
Advanced Analogic Techn...
AAT1120 ANALOGICTECH-AAT1120 Datasheet
717Kb / 20P
   500mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
   1MHz Step-Down Converter
AAT1145 SKYWORKS-AAT1145 Datasheet
1Mb / 18P
   1.5A Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com