Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65720YFFT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65720YFFT
Description  Integrated PMIC
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65720YFFT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65720YFFT Datasheet HTML 5Page - Texas Instruments TPS65720YFFT Datasheet HTML 6Page - Texas Instruments TPS65720YFFT Datasheet HTML 7Page - Texas Instruments TPS65720YFFT Datasheet HTML 8Page - Texas Instruments TPS65720YFFT Datasheet HTML 9Page - Texas Instruments TPS65720YFFT Datasheet HTML 10Page - Texas Instruments TPS65720YFFT Datasheet HTML 11Page - Texas Instruments TPS65720YFFT Datasheet HTML 12Page - Texas Instruments TPS65720YFFT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
TPS65720, TPS657201, TPS657202, TPS65721
www.ti.com
SLVS979A – OCTOBER 2009 – REVISED SEPTEMBER 2015
Electrical Characteristics (continued)
VSYS = 3.6 V, VDCDC1 = 2.05 V, PFM mode, L = 3.3 μH, COUTDCDC1 = 4.7 μF, VINLDO1 = 2.05 V, VLDO1 = 1.85 V, TA = –40°C to
85°C typical values apply in a temperature range of 10°C to 35°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STEP-DOWN CONVERTER
VSYS
Input voltage for DCDC1
2.3
5.6
V
VSYS falling
2.15
2.2
2.25
V
Internal undervoltage lockout
UVLO
threshold hysteresis
VSYS rising
120
mV
POWER SWITCH
VSYS = VINDCDC1 = 3.6 V, YFF package
350
600
RDS(ON)
High-side MOSFET ON-resistance
m
VSYS = VINDCDC1 = 3.6 V, RSN package
400
650
ILK_HS
High-side MOSFET leakage current
VDS = 5.6 V
1
μA
VINDCDC1/2 = 3.6 V, YFF package
300
500
m
RDS(ON)
Low-side MOSFET ON-resistance
VINDCDC1/2 = 3.6 V, RSN package
350
550
m
ILK_LS
Low-side MOSFET leakage current
VDS = 5.6 V
1
μA
2.3 V
≤ VIN ≤ 5.6 V, TPS65720
425
600
775
mA
Forward current limit high-side and
ILIMF
low-side MOSFET
2.3 V
≤ VIN ≤ 5.6 V, TPS65721, TPS657201, TPS657202
625
850
1150
mA
VSYS > 2.7 V; TPS65720
200
IO
DC output current
mA
VSYS > 2.7 V; TPS65721, TPS657201, TPS657202
400
OUTPUT
VOUT
Output voltage range
0.6
Vin
V
VFB
Feedback voltage
for TPS65720, TPS65721
0.6
V
Default output voltage for
VOUT
1.85
V
TPS657201
Default output voltage for
VOUT
1.90
V
TPS657202
FB pin input current for externally
IFB
External resistor-divider
0.1
μA
adjustable version
FB pin input current for TPS657201,
IFB
Internal resistor-divider
5
μA
TPS657202
VIN = 2.3 V to 5.6 V; PFM operation, 0 mA < IOUT < IOUTMAX
1%
3%
DC output voltage accuracy
(1)
VOUT
VIN = 2.3 V to 5.6 V, PWM operation, 0 mA < IOUT < IOUTMAX
–2%
2%
DC output voltage load regulation
PWM operation
0.5
%/A
PGOOD threshold at falling output
VDCDC1,
VDCDC1,
VPGOOD-falling
<PGOODZ_DCDC1> is set to 1
V
voltage
nom-14%
nom-7%
PGOOD threshold at rising output
VDCDC1,
VPGOOD-rising
<PGOODZ_DCDC1> is set to 0
V
voltage
nom-5%
DCDC1 disabled; the discharge function can be disabled as an
RDIS
Internal discharge resistor at L
300
400
EEPROM option
THERMAL PROTECTION FOR DCDC1 AND LDO1
TSD
Thermal shutdown
Increasing junction temperature
150
°C
Thermal shutdown hysteresis
Decreasing junction temperature
30
°C
(1)
Output voltage specification does not include tolerance of external voltage programming resistors.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS65720 TPS657201 TPS657202 TPS65721


Similar Part No. - TPS65720YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65720YFFT TI-TPS65720YFFT Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
TPS65720YFFT TI1-TPS65720YFFT Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
More results

Similar Description - TPS65720YFFT

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5028 RICHTEK-RT5028 Datasheet
615Kb / 40P
   Integrated PMIC
RT5028E RICHTEK-RT5028E Datasheet
519Kb / 41P
   Integrated PMIC
RT5028D RICHTEK-RT5028D Datasheet
637Kb / 41P
   Integrated PMIC
RT5028C RICHTEK-RT5028C_16 Datasheet
624Kb / 41P
   Integrated PMIC
logo
Linear Technology
LTC3677-3 LINER-LTC3677-3_15 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-3 LINER-LTC3577-3 Datasheet
562Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3577-4 LINER-LTC3577-4_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3677-3 LINER-LTC3677-3 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-3 LINER-LTC3577-3_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3577 LINER-LTC3577_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com