Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650732RSLR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650732RSLR
Description  Single Chip Power Solution for Battery Powered Systems
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650732RSLR Datasheet(HTML) 4 Page - Texas Instruments

  TPS650732RSLR Datasheet HTML 1Page - Texas Instruments TPS650732RSLR Datasheet HTML 2Page - Texas Instruments TPS650732RSLR Datasheet HTML 3Page - Texas Instruments TPS650732RSLR Datasheet HTML 4Page - Texas Instruments TPS650732RSLR Datasheet HTML 5Page - Texas Instruments TPS650732RSLR Datasheet HTML 6Page - Texas Instruments TPS650732RSLR Datasheet HTML 7Page - Texas Instruments TPS650732RSLR Datasheet HTML 8Page - Texas Instruments TPS650732RSLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
TPS65070, TPS65072
TPS65073, TPS650731, TPS650732
SLVS950H – JULY 2009 – REVISED SEPTEMBER 2015
www.ti.com
5 Description (continued)
For low noise applications the devices can be forced into fixed-frequency PWM using the I2C interface. The step-
down converters allow the use of small inductors and capacitors to achieve a small solution size. The TPS6507x
devices also integrate two general purpose LDOs for an output current of 200 mA. These LDOs can be used to
power an SD-card interface and an always-on rail, but can be used for other purposes as well. Each LDO
operates with an input voltage range from 1.8 V to 6.3 V allowing them to be supplied from one of the step-down
converters or directly from the main battery. An inductive boost converter with two programmable current sinks
power two strings of white LEDs.
The TPS6507x devices come in a 48-pin leadless package (6-mm × 6-mm VQFN) with a 0.4-mm pitch.
6 Device Options
OUTPUT VOLTAGE AT
OUTPUT
OUTPUT CURRENT AT
OUTPUT VOLTAGE
PGOOD,
TOUCH SCREEN
VOLTAGE AT
DCDC1
PART NUMBER
(1)
AT LDO1 / LDO2
RESET DELAY
CONTROLLER
DCDC1 / DCDC2 / DCDC3
DCDC3
DCDC2
1 V / 1.2 V
3.3 V
1.8 V / 1.2 V
0.6 A / 1.5 A / 1.5 A
400 ms
Yes
TPS65070RSL
(OMAP-L1x8)
1.8 V / 3.3 V
1.2 V / 1.4 V
3.3 V
1.2 V / 1.2 V
3 x 600 mA
20 ms
No
TPS65072RSL
(Atlas IV)
1.8 V / 2.5 V
1.2 V / 1.35 V
1.8 V
0.6 A / 0.6 A / 1.5 A
1.8 V / 1.8 V
400 ms
Yes
TPS65073RSL
(OMAP35xx)
1.2 V / 1.8 V
External sequencing
1.2 V / 1.35 V
1.8 V
0.6 A / 0.6 A / 1.5 A
1.8 V / 1.8 V
400 ms
Yes
TPS650731RSL
(OMAP35xx)
1.2 V / 1.8 V
Internal sequencing
1.2 V / 1.35 V
1.8 V
0.6 A / 0.6 A / 1.5 A
1.8 V / 1.8 V
400 ms
Yes
TPS650732RSL
(AM3505)
1.8 V / 3.3 V
Internal sequencing
(1)
The RSL package is available in tape and reel. Add R suffix (TPS65070RSLR) to order quantities of 2500 parts per reel. Add T suffix
(TPS65070RSLT) to order quantities of 250 parts per reel.
4
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPS65070 TPS65072 TPS65073 TPS650731 TPS650732


Similar Part No. - TPS650732RSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650732RSLR TI-TPS650732RSLR Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS650732RSLR TI-TPS650732RSLR Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650732RSLR TI-TPS650732RSLR Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS650732RSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65471 TI1-TPS65471 Datasheet
851Kb / 32P
[Old version datasheet]   SINGLE-CHIP POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com