Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2688 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # AAT2688
Description  4.5A PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT2688 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button AAT2688_12 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT2688_12 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT2688_12 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT2688_12 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT2688_12 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT2688_12 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT2688_12 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT2688_12 Datasheet HTML 11Page - Skyworks Solutions Inc. AAT2688_12 Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202034A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • June 8, 2012
8
AAT2688
4.5A PMIC Solution for 12V Adapter Systems
with 2-Output High Performance Step-Down Converters
DATA SHEET
Typical Characteristics–Channel 2
LDO Input Current vs. Input Voltage
(VEN1 = 0V; VEN2 = VIN2)
Input Voltage (V)
0
20
40
60
80
100
2
2.5
3.5
4.5
34
5
85°C
25°C
-40°C
LDO Dropout Voltage vs. Temperature
Temperature (°C)
IOUT2 = 600mA
IOUT2 = 500mA
IOUT2 = 300mA
IOUT2 = 150mA
IOUT2 = 50mA
0
200
400
600
800
1000
1200
1400
-40
-15
10
35
60
85
LDO Dropout Voltage vs. Output Current
Output Current (mA)
0
300
600
900
1200
1500
0
100
200
300
400
500
600
85°C
25°C
-40°C
LDO V
IH and VIL vs. Input Voltage
Input Voltage (V)
2.5
3.5
4.5
5.5
34
5
1.00
1.05
1.10
1.15
1.20
1.25
1.30
VIH
VIL
LDO Output Voltage Error vs. Temperature
(VIN2 = 3.3V; VOUT2 = 1.8V; IOUT2 = 600mA)
Temperature (°C)
25
0
-25
-50
50
75
100
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
IOUT2 = 0.1mA
IOUT2 = 300mA
IOUT2 = 600mA
LDO Dropout Characteristics
(VOUT2 = 1.8V)
Input Voltage (V)
1.5
2.5
3.5
4.5
23
4
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
IOUT2 = 0.1mA
IOUT2 = 50mA
IOUT2 = 100mA
IOUT2 = 300mA
IOUT2 = 600mA


Similar Part No. - AAT2688_12

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2688IFK-AI-T1 ANALOGICTECH-AAT2688IFK-AI-T1 Datasheet
3Mb / 20P
   4.5A PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
logo
Skyworks Solutions Inc.
AAT2688IFK-AI-T1 SKYWORKS-AAT2688IFK-AI-T1 Datasheet
3Mb / 20P
   Ultra-small External L/C
More results

Similar Description - AAT2688_12

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2688 ANALOGICTECH-AAT2688 Datasheet
3Mb / 20P
   4.5A PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
logo
Skyworks Solutions Inc.
AAT2689 SKYWORKS-AAT2689_12 Datasheet
3Mb / 20P
   PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
logo
Advanced Analogic Techn...
AAT2689 ANALOGICTECH-AAT2689 Datasheet
3Mb / 20P
   PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
AAT2687 ANALOGICTECH-AAT2687 Datasheet
3Mb / 20P
   PMIC Solution for 24V Systems with 2 High Performance Step-Down Converters
logo
Skyworks Solutions Inc.
AAT2687 SKYWORKS-AAT2687_12 Datasheet
3Mb / 20P
   PMIC Solution for 24V Systems with 2 High Performance Step-Down Converters
logo
Dialog Semiconductor
DA6102 DIALOG-DA6102 Datasheet
2Mb / 82P
   6-Channel High Efficiency PMIC for 2-Cell Systems
logo
Renesas Technology Corp
DA6102 RENESAS-DA6102 Datasheet
2Mb / 83P
   6-Channel High Efficiency PMIC for 2-Cell Systems
15-May-2019
logo
Asahi Kasei Microsystem...
AP3440ABN182 AKM-AP3440ABN182 Datasheet
933Kb / 17P
   High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
AP3440ABN111 AKM-AP3440ABN111 Datasheet
933Kb / 17P
   High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
AP3440ABN122 AKM-AP3440ABN122 Datasheet
930Kb / 17P
   High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com