Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2689IRN-AI-T1 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # AAT2689IRN-AI-T1
Description  PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT2689IRN-AI-T1 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  AAT2689IRN-AI-T1 Datasheet HTML 1Page - Skyworks Solutions Inc. AAT2689IRN-AI-T1 Datasheet HTML 2Page - Skyworks Solutions Inc. AAT2689IRN-AI-T1 Datasheet HTML 3Page - Skyworks Solutions Inc. AAT2689IRN-AI-T1 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT2689IRN-AI-T1 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT2689IRN-AI-T1 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT2689IRN-AI-T1 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT2689IRN-AI-T1 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT2689IRN-AI-T1 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
AAT2689
PMIC Solution for 12V Adapter Systems
with 2-Output High Performance Step-Down Converters
DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202035A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • June 8, 2012
General Description
The AAT2689 provides two independently regulated DC
outputs, consisting of a high voltage step-down (Buck)
regulator and a low input voltage low dropout (LDO) regu-
lator. The PMIC is optimized for low cost 12V adapter
inputs, making the device the ideal system-on-a-chip
power solution for consumer communications equipment.
Channel 1 is a step-down (Buck) regulator with an input
voltage range of 6V to 24V providing up to 2500mA out-
put current. 490kHz fixed switching frequency allows
small L/C filtering components. Channel 1 utilizes volt-
age mode control configured for optimum performance
across the entire output voltage and load range.
Channel 2 is a low-dropout (LDO) regulator providing up
to 600mA output current. The device provides extremely
low output noise, low quiescent current and excellent
transient response.
The controller includes integrated cycle-by-cycle over-
current protection, soft-start and over-temperature dis-
able features. Independent input and enable pins pro-
vide maximum design flexibility.
The AAT2689 is available in the Pb-free 3x4mm 16-pin
TDFN package. The rated operating temperature range is
-40°C to 85°C.
Features
• 2-Output Step-Down Converters:
Channel 1 (Buck): VIN1 = 6V to 24V
• V
OUT1 adjustable from 1.5V to 5.5V
• I
OUT1 up to 2.5A
• High Switching Frequency
• Voltage Mode Control
• PWM Fixed Frequency for Low-Ripple
Channel 2 (LDO): VIN2 = 2.7V to 5.5V
• I
OUT2 up to 600mA
• 1V Dropout Voltage at 600mA
• High Accuracy ±1.5%
• Small Solution Size
System on a Chip
Ultra-small External L/C
• Shutdown Current <35μA
• Independent Enable Pins
• Adjustable Over-Current Protection
• Over-Temperature Protection
• Internal Soft Start
• 3x4mm 16-Pin TDFN Low Profile Thermally Enhanced
Package
• -40°C to 85°C Temperature Range
Applications
• DSL and Cable Modems
• Notebook Computers
• Satellite Settop Box
• Wireless LAN Systems
Typical Application
C10
2.2µF
C4
0.1µF
R2
2k
C7
220nF
C2 470pF
C3 56pF
R1 24.3K
R3
27.4k
R4
6.04k
D1
C9,C11
2x22µF
L1 4.7µH/5.3A
+
C1
220µF
25V
C8
330pF
R5
499
EN1
C5
2.2µF
D2
C6
2.2µF
C15
1µF
25V
1
VIN1
6.0V -24.0V
VOUT1
3.3V/2.5A
VOUT2
1.8V/600mA
VIN2
OS1
FB1
COMP1
OUT2
RS1
IN2
EN1
EN2
BST1
VL1
IN1
LX1
TDFN34-16
AAT2689
GND


Similar Part No. - AAT2689IRN-AI-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2689IRN-AI-T1 ANALOGICTECH-AAT2689IRN-AI-T1 Datasheet
3Mb / 20P
   PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
logo
Skyworks Solutions Inc.
AAT2689IRN-AI-T1 SKYWORKS-AAT2689IRN-AI-T1 Datasheet
3Mb / 20P
   Independent Enable Pins
More results

Similar Description - AAT2689IRN-AI-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2689 ANALOGICTECH-AAT2689 Datasheet
3Mb / 20P
   PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
logo
Skyworks Solutions Inc.
AAT2688 SKYWORKS-AAT2688_12 Datasheet
3Mb / 20P
   4.5A PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
logo
Advanced Analogic Techn...
AAT2688 ANALOGICTECH-AAT2688 Datasheet
3Mb / 20P
   4.5A PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
AAT2687 ANALOGICTECH-AAT2687 Datasheet
3Mb / 20P
   PMIC Solution for 24V Systems with 2 High Performance Step-Down Converters
logo
Skyworks Solutions Inc.
AAT2687 SKYWORKS-AAT2687_12 Datasheet
3Mb / 20P
   PMIC Solution for 24V Systems with 2 High Performance Step-Down Converters
logo
Dialog Semiconductor
DA6102 DIALOG-DA6102 Datasheet
2Mb / 82P
   6-Channel High Efficiency PMIC for 2-Cell Systems
logo
Renesas Technology Corp
DA6102 RENESAS-DA6102 Datasheet
2Mb / 83P
   6-Channel High Efficiency PMIC for 2-Cell Systems
15-May-2019
logo
Vishay Siliconix
SI9175 VISHAY-SI9175 Datasheet
334Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SI9176 VISHAY-SI9176 Datasheet
328Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SI9176 VISHAY-SI9176_04 Datasheet
288Kb / 17P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. C, 14-Jun-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com