Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3783 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # AAT3783
Description  1-A Linear Li-Ion/Polymer Battery Charger with 28V Over-Voltage Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT3783 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  AAT3783_12 Datasheet HTML 1Page - Skyworks Solutions Inc. AAT3783_12 Datasheet HTML 2Page - Skyworks Solutions Inc. AAT3783_12 Datasheet HTML 3Page - Skyworks Solutions Inc. AAT3783_12 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT3783_12 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT3783_12 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT3783_12 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT3783_12 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT3783_12 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
AAT3783
DATA SHEET
1-A Linear Li-Ion/Polymer Battery Charger with 28V Over-Voltage Protection
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201903B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 27, 2012
Pin Descriptions
Pin Number
Name
Type
Function
1
INCHR
I/O
Internal connection between the output of the OVP stage and the input of the battery
charger. Decouple with 2.2μF capacitor.
2BATS
I
Battery sense pin. Connect directly to the battery's + terminal. If not used, BATS
must be connected to BAT.
3
BAT
O
Connect to Lithium-Ion battery.
4
TS
I/O
Battery temperature sense pin.
5
ENOVP
I
Active low enable for OVP stage.
6
OVP
I
Over-voltage protection threshold pin. Leave open for the default 6.5V setting; con-
nect to a resistor to adjust the OVP setting (see Application Information).
7
FLT
O
Over-voltage fault flag, open drain.
8
STAT
O
Charge status pin, open drain.
9
ADPP
O
Input power-good (USB port/adapter present indicator) pin, open-drain.
10
CT
I
Charge timer programming input pin (no timer if grounded).
11
ENCHR
I
Active high enable pin (with internal pull-down) for charging circuitry.
12
TERM
I
Charge termination current programming input pin (internal default 10% termina-
tion current if TERM is open).
13
GND
I/O
Connect to power ground.
14
ISET
I
Charge current programming input pin.
15, 16
IN
I
Input from USB port/ adapter connector.
Pin Configuration
TDFN34-16
(Top View)
BAT
TS
ENOVP
INCHR
BATS
3
OVP
FLT
STAT
ISET
GND
TERM
IN
IN
ENCHR
CT
ADPP
4
5
1
EP1
EP2
2
6
7
8
14
13
12
16
15
11
10
9


Similar Part No. - AAT3783_12

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3783IRN-4.2-T1 ANALOGICTECH-AAT3783IRN-4.2-T1 Datasheet
413Kb / 20P
   1-A Linear Li-Ion/Polymer Battery Charger with 28V Over-Voltage Protection
AAT3783IRN-4.2-T1 ANALOGICTECH-AAT3783IRN-4.2-T1 Datasheet
480Kb / 20P
   1-A Linear Li-Ion/Polymer Battery Charger with 28V Over-Voltage Protection
AAT3783 ANALOGICTECH-AAT3783_08 Datasheet
480Kb / 20P
   1-A Linear Li-Ion/Polymer Battery Charger with 28V Over-Voltage Protection
More results

Similar Description - AAT3783_12

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3783 ANALOGICTECH-AAT3783 Datasheet
413Kb / 20P
   1-A Linear Li-Ion/Polymer Battery Charger with 28V Over-Voltage Protection
AAT3783 ANALOGICTECH-AAT3783_08 Datasheet
480Kb / 20P
   1-A Linear Li-Ion/Polymer Battery Charger with 28V Over-Voltage Protection
logo
Intersil Corporation
ISL6291 INTERSIL-ISL6291 Datasheet
357Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Renesas Technology Corp
ISL6291 RENESAS-ISL6291 Datasheet
548Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Skyworks Solutions Inc.
AAT3682 SKYWORKS-AAT3682_12 Datasheet
1Mb / 18P
   Li-Ion/Polymer Linear Battery Charger
logo
Richtek Technology Corp...
RT9526 RICHTEK-RT9526 Datasheet
257Kb / 14P
   Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
RT9526A RICHTEK-RT9526A Datasheet
148Kb / 10P
   Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
   1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
Monolithic Power System...
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com