Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4601IAS-T1 Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # AAT4601IAS-T1
Description  1.8A Current Limited P-Channel Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT4601IAS-T1 Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button AAT4601IAS-T1 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT4601IAS-T1 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT4601IAS-T1 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT4601IAS-T1 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT4601IAS-T1 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT4601IAS-T1 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT4601IAS-T1 Datasheet HTML 11Page - Skyworks Solutions Inc. AAT4601IAS-T1 Datasheet HTML 12Page - Skyworks Solutions Inc. AAT4601IAS-T1 Datasheet HTML 13Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AAT4601
DATA SHEET
1.8A Current Limited P-Channel Switch
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201913A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 3, 2012
9
Applications Information
Setting Current Limit
A simple three-step procedure can be used to adjust the
AAT4601’s current limit. First, the maximum current
required by the load should be determined. Second,
select a resistor that guarantees adequate current is
available to the load under normal conditions. Finally,
the maximum current that can pass through the switch
can be calculated and compared to the maximum current
available.
Step 1: The maximum current required by a load is usu-
ally defined in port specifications design application ref-
erences. For example, USB ports may be specified to
support loads of up to 500mA.
Step 2: The most convenient method for determining a
current limit resistor value is to look it up in Table 1,
“Current Limit RSET Values.”. Find the lowest current value
that is greater than the maximum load current in the
given application; refer to the column, “Device Will Not
Current Limit Below.” The resistor value needed is in the
corresponding row named “RSET.” For example, a USB
port requires 500mA. The lowest level where the device
will current limit above 500mA is 516mA. The corre-
sponding resistor value for RSET would be 2k.
Step 3: Now the required resistor value has been deter-
mined. The maximum current that can be drawn, even
with a short circuit applied to the output, can be deter-
mined by referring to the column labeled, “Device Always
Current Limits Below.” If the power supply connected to
the AAT4601’s input can provide this current level, the
power supply voltage will not collapse when a short cir-
cuit is applied to the load switch output. For example, a
notebook computer has a USB port which is powered by
an AAT4601 with a 2k resistor connected between the
SET pin and GND. If the power supply connected to the
AAT4601's IN pin can provide more than 917mA, this
supply will remain in regulation even if a short circuit is
applied to the USB port.
RSET
(Ω)
Current
Limit Typ
(mA)
Device Will
Not Current
Limit Below
(mA)
Device Always
Current Limits
Below (mA)
0
2510
1807
3213
10
2463
1773
3152
20
2423
1745
3102
30
2386
1718
3054
36
2361
1700
3022
47
2332
1679
2985
56
2297
1654
2940
68
2258
1626
2890
82
2214
1594
2834
100
2161
1556
2766
120
2107
1517
2697
150
2028
1460
2596
200
1918
1381
2455
240
1840
1325
2355
300
1737
1251
2223
360
1649
1187
2111
470
1585
1141
2029
510
1529
1101
1957
560
1466
1055
1876
620
1397
1006
1788
680
1334
960
1707
750
1266
911
1620
820
1206
869
1544
910
1144
823
1464
1000
1089
784
1394
1100
1034
745
1324
1200
986
710
1262
1300
941
677
1204
1500
865
623
1107
1600
829
597
1061
1800
769
554
985
2000
716
516
917
2200
673
485
861
2400
633
456
811
2700
582
419
745
3000
539
388
690
3300
502
362
643
3600
470
339
602
3900
442
318
565
4300
410
295
524
4700
382
275
489
5100
358
258
458
5600
332
239
424
6200
306
220
392
6800
283
204
362
7500
268
193
343
Table 1: Current Limit RSET Values.


Similar Part No. - AAT4601IAS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4601IAS-T1 ANALOGICTECH-AAT4601IAS-T1 Datasheet
293Kb / 14P
   1.5A Current Limited P-Channel Switch
logo
Skyworks Solutions Inc.
AAT4601IAS-T1 SKYWORKS-AAT4601IAS-T1 Datasheet
1Mb / 13P
   1.8A Current Limited P-Channel Switch
May 3, 2012
More results

Similar Description - AAT4601IAS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4601 AAT-AAT4601 Datasheet
341Kb / 16P
   1.8A Current Limited P-Channel Switch
logo
Advanced Analogic Techn...
AAT4601A ANALOGICTECH-AAT4601A Datasheet
343Kb / 16P
   1.8A Current Limited P-Channel Switch
AAT4601 ANALOGICTECH-AAT4601 Datasheet
293Kb / 14P
   1.5A Current Limited P-Channel Switch
logo
Shenzhen Huazhimei Semi...
HM9703 HMSEMI-HM9703 Datasheet
846Kb / 7P
   current limited P channel MOSFET power switch
logo
Advanced Analog Technol...
AAT4644 AAT-AAT4644 Datasheet
253Kb / 8P
   4-Channel Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4644 ANALOGICTECH-AAT4644 Datasheet
277Kb / 8P
   4-Channel Current Limited Load Switch
AAT4644 ANALOGICTECH-AAT4644_06 Datasheet
253Kb / 8P
   4-Channel Current Limited Load Switch
logo
Maxim Integrated Produc...
MAX893L MAXIM-MAX893L Datasheet
115Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1450; Rev 0; 7/99
MAX890 MAXIM-MAX890 Datasheet
453Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1146; Rev 4; 4/11
MAX869L MAXIM-MAX869L Datasheet
90Kb / 8P
   2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 0; 8/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com