Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4702IXS-2-T1 Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # AAT4702IXS-2-T1
Description  Auto-Restarting Current Limiting Load Switch with LDO Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT4702IXS-2-T1 Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button AAT4702IXS-2-T1 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT4702IXS-2-T1 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT4702IXS-2-T1 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT4702IXS-2-T1 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT4702IXS-2-T1 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT4702IXS-2-T1 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT4702IXS-2-T1 Datasheet HTML 11Page - Skyworks Solutions Inc. AAT4702IXS-2-T1 Datasheet HTML 12Page - Skyworks Solutions Inc. AAT4702IXS-2-T1 Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
AAT4702
Auto-Restarting Current Limiting Load Switch with LDO Regulator
DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201964A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 17, 2012
Typical Characteristics−LDO Regulator
Unless otherwise noted, VIN= 3.6V, CIN = 1μF, COUT = 1μF, COUT-LDO = 1μF ,TA = 25°C.
Line Transient Response
(VIN = 4V->5V->4V; IOUT = 20mA)
Time (1ms/div)
VOUT
(AC Coupled)
(200mV/div)
IOUT
(20mA/div)
VIN
(2V/div)
Line Transient Response
(VIN = 4V->5V->4V; IOUT = 100mA)
Time (1ms/div)
VOUT
(AC Coupled)
(200mV/div)
IOUT
(50mA/div)
VIN
(2V/div)
Load Transient Response
(VIN = 4V; IOUT = 1mA-50mA)
Time (400μs/div)
VOUT
(AC Coupled)
(200mV/div)
IOUT
(50mA/div)
Load Transient Response
(VIN = 4V; IOUT = 1mA-100mA)
Time (400μs/div)
VOUT
(AC Coupled)
(200mV/div)
IOUT
(50mA/div)
Power-Up with 1mA Load
Time (200μs/div)
VOUT
(1V/div)
ON
(2V/div)
Power-Up with 100mA Load
Time (200μs/div)
VOUT
(1V/div)
ON
(2V/div)


Similar Part No. - AAT4702IXS-2-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4250 ANALOGICTECH-AAT4250 Datasheet
193Kb / 12P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4250 ANALOGICTECH-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4250IGV-T1 ANALOGICTECH-AAT4250IGV-T1 Datasheet
193Kb / 12P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250IGV-T1 AAT-AAT4250IGV-T1 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
More results

Similar Description - AAT4702IXS-2-T1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4832 MAXIM-MAX4832 Datasheet
357Kb / 12P
   100mA LDO Linear Regulators with Current-Limiting Switch
Rev 0; 7/04
MAX4834 MAXIM-MAX4834 Datasheet
350Kb / 12P
   250mA LDO Linear Regulators with Current-Limiting Switch
Rev 0; 7/04
MAX4836 MAXIM-MAX4836 Datasheet
356Kb / 12P
   500mA LDO Linear Regulators with Current-Limiting Switch
Rev 0; 7/04
logo
Texas Instruments
TPS61098 TI-TPS61098_15 Datasheet
2Mb / 38P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
logo
Maxim Integrated Produc...
MAX14922 MAXIM-MAX14922_V01 Datasheet
634Kb / 23P
   High-Side Switch Controller with Current Limiting
2020
logo
Texas Instruments
TPS61098 TI1-TPS61098_16 Datasheet
3Mb / 44P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
logo
YOBON TECHNOLOGIES,INC.
YB1200R YOBON-YB1200R Datasheet
698Kb / 11P
   150mA High PSRR with Auto-Discharge LDO Regulator
logo
Intersil Corporation
CA3274 INTERSIL-CA3274 Datasheet
27Kb / 5P
   Current Limiting Power Switch with Current Limiter Sense Flag
April 1994
logo
ON Semiconductor
NCP331 ONSEMI-NCP331 Datasheet
119Kb / 8P
   Soft-Start Controlled Load Switch with Auto Discharge
November, 2013 ??Rev. 1
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com