Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JWS600-15 Datasheet(PDF) 1 Page - DENSEI-LAMBDA

Part # JWS600-15
Description  Single output 50W ~ 600W???
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

JWS600-15 Datasheet(HTML) 1 Page - DENSEI-LAMBDA

  JWS600-15 Datasheet HTML 1Page - DENSEI-LAMBDA JWS600-15 Datasheet HTML 2Page - DENSEI-LAMBDA JWS600-15 Datasheet HTML 3Page - DENSEI-LAMBDA JWS600-15 Datasheet HTML 4Page - DENSEI-LAMBDA JWS600-15 Datasheet HTML 5Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
24
1. Input voltage range
2. Power factor
3. Cooling
4. Operating ambient
temperature
5. Withstand voltage
6. EMI
7. EMS
8. PFHC
9. Safety standard
10. Functions
11. Option
85 ~ 265VAC (47 ~ 63Hz), DC120 ~ 330V universal input
0.99 (typ) 100VAC at full load, 0.95 (typ) 200VAC at full load
JWS50 ~ JWS150: Convection cooling / JWS300 & JWS600: Forced air cooling by internal fan
JWS50 ~ JWS150: –10 ~ +60°C (Standard mounting) Output derating: 100% at –10 ~ +50°C, 60% at +60°C
JWS300 ~ JWS600: 100% at –10 ~ +50°C, 60% : +60°C, 55% at +65°C
Input–output: 3kVAC, Input–chassis : 2kVAC, Output–chassis: 500VAC for 1 min.
Conforms to EN55011-B, EN55022-B, VCCI-class 2 and FCC-B
Conforms to EN55011-B, EN55022-B, VCCI-class 2 and FCC-B
Conforms to EN61000-3-2 class D
Approved by UL1950
, CSA950
, EN60950
, VDE0160
and UL508
(optional,Note)
Over voltage protection, Over current protection, Remote sensing (JWS100 ~ JWS600), Remote on/off control (JWS300 ~ 600)
Remote on/off control, Input/output connector (JWS50, 75), Cover, Mounting sheet metal
JWS-SERIES
Single output 50W ~ 600W
Model name
JWS 50-5/
Features
marking (Low Voltage Directive)
Wide input voltage range: Universal input 85 ~ 265VAC
PFHC (EN61000-3-2)
EMI (EN55011-B, EN55022-B, VCCI-B, FCC-B)
EMC (EN61000-4-2, -3, -4, -5, -6)
5 year warranty
Name of series
*24V output with cover
Output power
type
R: With remote on/off control
(JWS50 ~ JWS150: Optional)
(JWS300, JWS600: Equipped as standard)
Blank: Open frame, Barrier Strip
(JWS300,JWS600 with
cover&Barrier Strip)
A: With cover, Barrier Strip
(JWS50,JWS75,JWS100&
JWS150 only)
B: Open frame, Connector terminal
(JWS50 & JWS75 only)
C: With cover, Connector terminal
(JWS50 & JWS75 only)
Nominal output
voltage
Specifications
(Low Voltage Directive)
5 year warranty
JWS50-3
JWS50-5
JWS50-12
JWS50-15
JWS50-24
JWS50-48
JWS75-3
JWS75-5
JWS75-12
JWS75-15
JWS75-24
JWS75-48
JWS100-3
JWS100-5
JWS100-12
JWS100-15
JWS100-24
JWS100-48
JWS150-3
JWS150-5
JWS150-12
JWS150-15
JWS150-24
JWS150-48
JWS300-2
JWS300-3
JWS300-5
JWS300-12
JWS300-15
JWS300-24
JWS300-48
JWS600-2
JWS600-3
JWS600-5
JWS600-12
JWS600-15
JWS600-24
JWS600-48
JWS50
JWS75
JWS100
JWS150
JWS300
JWS600
3.3V
5V
12V
15V
24V
48V
3.3V
5V
12V
15V
24V
48V
3.3V
5V
12V
15V
24V
48V
3.3V
5V
12V
15V
24V
48V
2V
3.3V
5V
12V
15V
24V
48V
2V
3.3V
5V
12V
15V
24V
48V
10A
10A
4.3A
3.5A
2.2A
1.1A
15A
15A
6.3A
5.0A
3.2A
1.6A
20A
20A
8.5A
7.0A
4.5A
2.1A
30A
30A
13A
10A
6.5A
3.3A
60A
60A
60A
27A
22A
14A
6.5A
120A
120A
120A
53A
43A
27A
13A
33W
50W
51.6W
52.5W
52.8W
52.8W
49.5W
75W
75.6W
75W
76.8W
76.8W
66W
100W
102W
105W
108W
100.8W
99W
150W
156W
150W
156W
158.4W
120W
198W
300W
324W
330W
336W
312W
240W
396W
600W
636W
645W
648W
624W
Model name
Product lineup
: Safety standard approved
Request customer specification for further details of specification, outline, characteristics, etc.
Read the instruction manual before usage.
Contact us about delivery before ordering.
Note: Approved by UL508 for 24V output type only.
JWS50
JWS75
JWS100
JWS150
Nominal
output voltage
UL
Max.
output power
Max.
output current
CSA
EN
JWS300
JWS600


Similar Part No. - JWS600-15

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
JWS600-15 TDK-JWS600-15 Datasheet
183Kb / 2P
   Single Output Industrial Power Supplies
More results

Similar Description - JWS600-15

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
ZWS-AF LAMBDA-ZWS-AF Datasheet
1Mb / 19P
   Single output 50W ~ 150W
ZWS100AF LAMBDA-ZWS100AF Datasheet
1Mb / 19P
   Single output 50W ~ 150W
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600_17 Datasheet
320Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
PB-600 MEANWELL-PB-600 Datasheet
442Kb / 5P
   600W Single Output Battery Charger
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600 Datasheet
315Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-600 MEANWELL-SE-600_09 Datasheet
254Kb / 2P
   600W Single Output Power Supply
SE-600 MEANWELL-SE-600_11 Datasheet
255Kb / 2P
   600W Single Output Power Supply
SE-600 MEANWELL-SE-600 Datasheet
252Kb / 2P
   600W Single Output Power Supply
PB-600 MEANWELL-PB-600_11 Datasheet
441Kb / 5P
   600W Single Output Battery Charger
HEP-600C MEANWELL-HEP-600C Datasheet
114Kb / 4P
   600W Single Output Battery Charger
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com