Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLA4605-000 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # CLA4605-000
Description  Established Skyworks limiter diode process
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CLA4605-000 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  CLA4605-000 Datasheet HTML 1Page - Skyworks Solutions Inc. CLA4605-000 Datasheet HTML 2Page - Skyworks Solutions Inc. CLA4605-000 Datasheet HTML 3Page - Skyworks Solutions Inc. CLA4605-000 Datasheet HTML 4Page - Skyworks Solutions Inc. CLA4605-000 Datasheet HTML 5Page - Skyworks Solutions Inc. CLA4605-000 Datasheet HTML 6Page - Skyworks Solutions Inc. CLA4605-000 Datasheet HTML 7Page - Skyworks Solutions Inc. CLA4605-000 Datasheet HTML 8Page - Skyworks Solutions Inc. CLA4605-000 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DATA SHEET • CLA SERIES DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
June 4, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200100U
Table 3. Typical Performance @ 25
°C @ 2.6 GHz, Z0 = 50 Ω (Note 1)
Part Number
Insertion Loss
@ –10 dBm (dB)
CW Input Power
for 1 dB
Insertion Loss
(dBm)
Maximum CW
Input Power
(dBm)
Maximum
Pulsed Input
Power
(dBm) (Note 2)
Output @
Maximum
Pulsed Input
(dBm) (Note 2)
Recovery Time
(ns) (Note 3)
Spike Leakage
(ergs) (Note 4)
CLA4601-000
0.1
12
36
65
21
5
Note 5
CLA4602-000
0.1
12
36
65
24
5
Note 5
CLA4603-000
0.1
10
38
67
22
5
Note 5
CLA4604-000
0.1
12
40
70
24
5
Note 5
CLA4605-000
0.1
11
40
70
27
5
0.08
CLA4606-000
0.1
11
41
71
27
5
0.03
CLA4607-000
0.1
26
43
73
39
5
0.21
CLA4608-000
0.2
23
43
73
44
5
0.15
CLA4609-000
0.3
37
44
74
50
5
25.77
CLA4610-000
0.1
22
40
57
32
5
Note 5
CLA4611-000
0.3
25
40
60
42
450
0.6
Note 1: Diode chip is mounted on a 0.5 oz Cu PC board using 1 to 2 mils of conductive epoxy. Bond wire connections are made with 0.8 mil Au wire. Limiter configured with shunt connected
diode and 22 nH ground return and 100 pF DC blocking capacitors.
Note 2: Pulsed power measurements taken at 1 μs pulse width, pulse frequency = 10 kHz, and 0.1% duty cycle.
Note 3: Recovery time represents the transition time from the high-loss state to the low-loss state following the removal of a high-power input. It is defined as the time from the end of the
high-power pulse to the time when insertion loss has returned to within 3 dB of the quiescent (low-power) state.
Note 4: Spike Leakage (ergs) = ts x Ps x 107 where ts is the spike width at the half-power point (in seconds) and PS is the maximum spike amplitude in watts.
Note 5: Not detectable under current test conditions described in Note 2.
Table 4. CLA Series Parts – Die Packages
Part Number
Typical Top Contact Diameter (mils/mm)
Die Drawing
CLA4601-000
1.05/0.027
150–806
CLA4602-000
1.15/0.029
150–806
CLA4603-000
2.00/0.051
149–815
CLA4604-000
1.65/0.042
150–806
CLA4605-000
2.00/0.051
150–813
CLA4606-000
2.25/0.057
149–815
CLA4607-000
3.50/0.089
149–815
CLA4608-000
6.50/0.165
149–815
CLA4609-000
4.00/0.102
150–813
CLA4610-000
2.75/0.070
149–815
CLA4611-000
4.1/0.104
150-801


Similar Part No. - CLA4605-000

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CLA4605-000 SKYWORKS-CLA4605-000 Datasheet
159Kb / 4P
   Silicon Limiter Diode Chips
CLA4605-000 SKYWORKS-CLA4605-000 Datasheet
177Kb / 12P
   Silicon Limiter Diodes, Packaged and Bondable Chips
More results

Similar Description - CLA4605-000

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VLL1910 CPI-VLL1910 Datasheet
121Kb / 1P
   Diode Limiter
VLL1592 CPI-VLL1592 Datasheet
273Kb / 1P
   Diode Limiter
VLU1744 CPI-VLU1744 Datasheet
156Kb / 1P
   Diode Limiter
logo
RFHIC
CL1302D-L RFHIC-CL1302D-L Datasheet
353Kb / 5P
   Limiter-diode LNA
CL2102D-L RFHIC-CL2102D-L Datasheet
425Kb / 5P
   Limiter-diode LNA
logo
M/A-COM Technology Solu...
LM102202-H-C-301 MA-COM-LM102202-H-C-301 Datasheet
754Kb / 6P
   PIN Diode Limiter
MADL-011008 MA-COM-MADL-011008 Datasheet
109Kb / 4P
   PIN Diode Limiter
MADL-011008 MA-COM-MADL-011008_15 Datasheet
109Kb / 4P
   PIN Diode Limiter
logo
RFHIC
CL3102D-L RFHIC-CL3102D-L Datasheet
383Kb / 5P
   Limiter-diode LNA
logo
M/A-COM Technology Solu...
LM501202-M-C-300 MA-COM-LM501202-M-C-300 Datasheet
1Mb / 7P
   PIN Diode Limiter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com