Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM155R60J105KE19 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # GRM155R60J105KE19
Description  High Power (26 dBm) 802.11n WLAN Power Amplifier with Integrated Power Detector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

GRM155R60J105KE19 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  GRM155R60J105KE19 Datasheet HTML 1Page - Skyworks Solutions Inc. GRM155R60J105KE19 Datasheet HTML 2Page - Skyworks Solutions Inc. GRM155R60J105KE19 Datasheet HTML 3Page - Skyworks Solutions Inc. GRM155R60J105KE19 Datasheet HTML 4Page - Skyworks Solutions Inc. GRM155R60J105KE19 Datasheet HTML 5Page - Skyworks Solutions Inc. GRM155R60J105KE19 Datasheet HTML 6Page - Skyworks Solutions Inc. GRM155R60J105KE19 Datasheet HTML 7Page - Skyworks Solutions Inc. GRM155R60J105KE19 Datasheet HTML 8Page - Skyworks Solutions Inc. GRM155R60J105KE19 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PRELIMINARY DATA SHEET • SE2605L: HIGH POWER (+26 dBm) 802.11n WLAN PA
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
February 10, 2016 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203009E
Table 5. SE2605L Electrical Specifications: General1
(VCC1 = VCC2 = VCC3 = 5.0 V, PA_EN = 3.3 V, TOP = +25
C, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Frequency range
f
2.4
2.5
GHz
Output power
POUT
54 Mbps OFDM signal, 64 QAM,
3% EVM
11 Mbps CCK signal,
BT = 0.045 , mask
+24
+27
+26
+29
dBm
dBm
1 dB output compression point
OP1dB
PIN = CW
+29
+32
dBm
Small signal gain
|S21|
30
33
36
dB
Input return loss
|S11|
10
15
dB
Gain variation
 S21
Over 40 MHz channel
Over entire band
0.5
1.0
dB
dB
2nd and 3rd harmonics
2fo, 3fo
POUT = +29 dBm
–50
–45
dBm/MHz
Rise and fall time
tR, tF
50% of VEN edge to 10%/90%
of final power level
0.5
μs
Stability
POUT = +29 dBm,
VSWR = 4:1, all phases
All non-harmonically related outputs
< –42 dBm/MHz
Ruggedness
Ru
PIN = +12dBm, 50% duty cycle,
VSWR = 6:1, all phases
No damage
1 Performance is guaranteed only under the conditions listed in this table.
Table 6. SE2605L Electrical Specifications: Power Detector Characteristics1
(VCC = 5.0 V, PA_EN = 3.3 V, TOP = +25
C, f = 2.45 GHz, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Output power detector range
PDR
0
OP1dB
dBm
Detector voltage
VDET
POUT = +30 dBm
POUT = +26 dBm
POUT = 5 dB
0.90
0.65
0.30
1.00
0.73
0.33
1.15
0.82
0.36
V
V
V
Detector accuracy
ERRDET
VSWR = 3:1
–1.5 to +1.5 dB
–1.5
+1.5
dB
Output impedance
PDZOUT
2.3
k
Ω
DC load impedance
PDZLOAD
26.5
k
Ω
1 Performance is guaranteed only under the conditions listed in this table.


Similar Part No. - GRM155R60J105KE19

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155R60J105KE19 MURATA1-GRM155R60J105KE19 Datasheet
558Kb / 4P
   Ceramic Capacitors(SMD)
11/07/2022
GRM155R60J105KE19 MURATA1-GRM155R60J105KE19 Datasheet
558Kb / 4P
   Ceramic Capacitors(SMD)
10/28/2022
logo
Texas Instruments
GRM155R60J105KE19D TI1-GRM155R60J105KE19D Datasheet
1Mb / 28P
[Old version datasheet]   DRV2603 ERM/LRA Haptic Driver Evaluation Kit
logo
Murata Manufacturing Co...
GRM155R60J105KE19D MURATA-GRM155R60J105KE19D Datasheet
85Kb / 7P
   CHIP MONOLITHIC CERAMIC CAPACITOR
logo
Texas Instruments
GRM155R60J105KE19D TI-GRM155R60J105KE19D Datasheet
1Mb / 30P
[Old version datasheet]   LAUNCHXL-F28379D Overview
2016-2019
More results

Similar Description - GRM155R60J105KE19

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY85408-11 SKYWORKS-SKY85408-11 Datasheet
153Kb / 2P
   High-Power (23 dBm) 802.11ax Ultra-Linear WLAN Power Amplifier with Integrated Power Detector
RFX240 SKYWORKS-RFX240 Datasheet
916Kb / 6P
   2.4GHz High Power 802.11n WLAN Linear Power Amplifier
SKY85405-11 SKYWORKS-SKY85405-11 Datasheet
171Kb / 2P
   High-Power 802.11ac WLAN Power Amplifier
logo
Analog Devices
ADMV7710 AD-ADMV7710 Datasheet
297Kb / 17P
   Power Amplifier with Power Detector
logo
Fairchild Semiconductor
RMPA2271 FAIRCHILD-RMPA2271 Datasheet
373Kb / 9P
   WCDMA/UMTS Power Edge Power Amplifier Module with Integrated Power Detector
logo
Skyworks Solutions Inc.
SKY65135 SKYWORKS-SKY65135 Datasheet
492Kb / 13P
   WLAN Power Amplifier
logo
TriQuint Semiconductor
TQP5523 TRIQUINT-TQP5523_15 Datasheet
740Kb / 10P
   High Power 5 GHz WLAN Power Amplifier
TQP5525 TRIQUINT-TQP5525_15 Datasheet
748Kb / 9P
   High Power 5 GHz WLAN Power Amplifier
logo
Analog Devices
ADMV7810 AD-ADMV7810 Datasheet
291Kb / 17P
   Amplifier with Power Detector
logo
Skyworks Solutions Inc.
SKY65131 SKYWORKS-SKY65131_05 Datasheet
243Kb / 10P
   WLAN Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com