Electronic Components Datasheet Search |
|
SE2593A20-T Datasheet(PDF) 10 Page - Skyworks Solutions Inc. |
|
SE2593A20-T Datasheet(HTML) 10 Page - Skyworks Solutions Inc. |
10 / 18 page DATA SHEET SE2593A20: Dual-Band 802.11n Wireless LAN Front-End Preliminary Information Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com 202431A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012 10 Symbol Parameter Condition Min. Typ. Max. Unit ISOLRRX Reverse Isolation V_LNA = 0V, RX = 0V - 20 - dB INT Interferer With this input IIP3 can only degrade by 1dB -10 - - dBm S11 Return Loss - 8 12 - dB IP1dB Input P1dB V_LNA = 3.3 V V_LNA = 0 V - -3 10 - dBm TEN Enable Time 10% to 90% of RX RF power, from time that V_LNA is at 50% 500 nsec 2.4 GHz Power Detector Characteristics Conditions: VCC = 3.3 V, ENg = TX = 3.3 V, LNAa = LNAg = RX = ENa = 0 V, TA = 25 C, as measured on Skyworks Solutions’ SE2593A20-EV1 evaluation board (de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted. Symbol Parameter Condition Min. Typ. Max. Unit FOUT Frequency Range - 2400 - 2500 MHz PDR Power detect range, peak power Measured at ANT 0 - 22 dBm PDZLOAD DC load impedance - - 2.7 3 kΩ PDVP17 Output Voltage, POUT = 21 dBm - - - 1.0 V PDVp0 Output Voltage, POUT = 5 dBm - 0.35 - V PDVpnoRF Output Voltage, POUT = No RF - - 0.32 - V LPF-3dB Power detect low pass filter -3dB corner frequency Load = high impedance Typ: 500 kΩ 270 300 400 KHz |
Similar Part No. - SE2593A20-T |
|
Similar Description - SE2593A20-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |