Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM1555C1H3R3CZ01 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # GRM1555C1H3R3CZ01
Description  High Power (26 dBm) 802.11n WLAN Power Amplifier with Integrated Power Detector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

GRM1555C1H3R3CZ01 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button GRM1555C1H3R3CZ01 Datasheet HTML 3Page - Skyworks Solutions Inc. GRM1555C1H3R3CZ01 Datasheet HTML 4Page - Skyworks Solutions Inc. GRM1555C1H3R3CZ01 Datasheet HTML 5Page - Skyworks Solutions Inc. GRM1555C1H3R3CZ01 Datasheet HTML 6Page - Skyworks Solutions Inc. GRM1555C1H3R3CZ01 Datasheet HTML 7Page - Skyworks Solutions Inc. GRM1555C1H3R3CZ01 Datasheet HTML 8Page - Skyworks Solutions Inc. GRM1555C1H3R3CZ01 Datasheet HTML 9Page - Skyworks Solutions Inc. GRM1555C1H3R3CZ01 Datasheet HTML 10Page - Skyworks Solutions Inc. GRM1555C1H3R3CZ01 Datasheet HTML 11Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PRELIMINARY DATA SHEET • SE2605L: HIGH POWER (+26 dBm) 802.11n WLAN PA
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
February 10, 2016 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203009E
Package Dimensions
The PCB layout footprint for the SE2605L is provided in
Figure 5. Typical part markings are shown in Figure 6. Package
dimensions are shown in Figure 7, and tape and reel
dimensions are provided in Figure 8.
Package and Handling Information
Since the device package is sensitive to moisture absorption, it
is baked and vacuum packed before shipping. Instructions on
the shipping container label regarding exposure to moisture
after the container seal is broken must be followed. Otherwise,
problems related to moisture absorption may occur when the
part is subjected to high temperature during solder assembly.
The SE2605L is rated to Moisture Sensitivity Level 3 (MSL3) at
260
C. It can be used for lead or lead-free soldering. For
additional information, refer to the Skyworks Application Note,
Solder Reflow Information, document number 200164.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format.
16
4
9
15
14
13
3
10
2
11
1
12
5
6
7
8
16
4
9
15
14
13
3
10
2
11
1
12
5
6
7
8
16
4
9
15
14
13
3
10
2
11
1
12
5
6
7
8
Board Metal and Via Pattern
(Note 4)
Solder Mask Pattern
(Note 6)
Stencil Pattern
(Note 5)
63% Solder Coverage on Center Pad
NOTES:
1. All dimensions are in millimeters.
2. Dimensions and tolerances per ASME Y14.5M-1994.
3. Unless specified, dimensions are symmetrical about center lines.
4. Via hole recommendations:
Size (Ø): 0.150 to 0.300 mm
Pitch: 0.500
Cu via wall plating: 30-35 μm
Should be tented with solder mask on PCB backside and filled with solder.
5. Stencil recommendations: 0.127 mm stencil thickness.
6. Solder mask recommendations: Aperture array to tarret approximately 50 to 80% coverage
of solder mask openings, except as noted.
Y0264
0.10
0.675 Typ
0.675 Typ
0.10
3.20
0.25 Typ
0.50 Typ
3.20
0.500
Typ
1.70
0.35 Typ
3.30
3.30
0.60 Typ
0.500
Typ
3 x 3 QFN
Package Outline
0.58
Typ
1.70
0.58 Typ
1.80
0.500
Typ
3.20
1.80
0.50 Typ
3.20
0.25 Typ
5X Ø0.254
Figure 5. PCB Layout Footprint for the SE2605L


Similar Part No. - GRM1555C1H3R3CZ01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM1555C1H3R3CA01D MURATA-GRM1555C1H3R3CA01D Datasheet
4Mb / 221P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GRM1555C1H3R3CZ01

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY85408-11 SKYWORKS-SKY85408-11 Datasheet
153Kb / 2P
   High-Power (23 dBm) 802.11ax Ultra-Linear WLAN Power Amplifier with Integrated Power Detector
RFX240 SKYWORKS-RFX240 Datasheet
916Kb / 6P
   2.4GHz High Power 802.11n WLAN Linear Power Amplifier
SKY85405-11 SKYWORKS-SKY85405-11 Datasheet
171Kb / 2P
   High-Power 802.11ac WLAN Power Amplifier
logo
Analog Devices
ADMV7710 AD-ADMV7710 Datasheet
297Kb / 17P
   Power Amplifier with Power Detector
logo
Fairchild Semiconductor
RMPA2271 FAIRCHILD-RMPA2271 Datasheet
373Kb / 9P
   WCDMA/UMTS Power Edge Power Amplifier Module with Integrated Power Detector
logo
Skyworks Solutions Inc.
SKY65135 SKYWORKS-SKY65135 Datasheet
492Kb / 13P
   WLAN Power Amplifier
logo
TriQuint Semiconductor
TQP5523 TRIQUINT-TQP5523_15 Datasheet
740Kb / 10P
   High Power 5 GHz WLAN Power Amplifier
TQP5525 TRIQUINT-TQP5525_15 Datasheet
748Kb / 9P
   High Power 5 GHz WLAN Power Amplifier
logo
Analog Devices
ADMV7810 AD-ADMV7810 Datasheet
291Kb / 17P
   Amplifier with Power Detector
logo
Skyworks Solutions Inc.
SKY65131 SKYWORKS-SKY65131_05 Datasheet
243Kb / 10P
   WLAN Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com