Electronic Components Datasheet Search |
|
2032-6347-00 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
2032-6347-00 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 4 page 3 dB Hybrid Couplers Rev. V4 203X Series 1 1 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 1 Features 90o Quadrature Phase Frequency Range: 0.05 - 18 GHz Temperature Range: -65o to 125oC Meets MIL-E-5400 Environments Non-crossover Versions Available Description 3 dB quadrature mini-hybrids are the ultimate in compact, rugged high stress environment components. The crossover feature of the location of both outputs on one side allows simplicity in system or subsystem design. Multi-octave coverage of the complete frequency spectrum, along with high isolation performance, qualifies them as an asset to any system. Outline Drawing Case Style A Inch (mm) B Inch (mm) C Inch (mm) D Inch (mm) E Inch (mm) F Inch (mm) G Inch (mm) Weight oz Weight g 3 1.78 (45.2) 1.28 (32.5) 0.25 (6.35) 0.50 (12.7) 0.31 (7.9) 0.09 (2.4) 0.104 (2.6) 0.84 24 4 1.16 (29.4) 0.66 (16.7) 0.25 (6.35) 0.50 (12.7) 0.31 (7.9) 0.09 (2.4) 0.104 (2.6) 0.65 19 5 1.0 (25.4) 0.50 (12.7) 0.25 (6.35) 0.50 (12.7) 0.31 (7.9) 0.09 (2.4) 0.104 (2.6) 0.60 17 6 5.58 (141.7) 5.0 (127) 0.29 (7.3) 0.70 (17.9) 5.42 (137.7) 0.08 (2.0) 0.093 (2.4) 2.35 67 7 1.71 (43.4) 1.21 (30.7) 0.25 (6.33) 0.50 (12.7) 0.31 (7.9) 0.09 (2.4) 0.104 (2.6) 0.82 23 8 1.72 (43.7) 1.22 (31) 0.25 (6.33) 1.07 (27.2) 0.58 (14.7) 0.57 (14.5) 0.104 (2.6) 1.40 40 10 1.88 (47.6) 1.41 (35.9) 0.23 (5.7) 1.3 (33) 1.06 (26.9) 0.12 (3.1) 0.14 (3.6) 1.76 50 11 1.50 (38.1) 1.00 (25.4) 0.25 (6.4) 1.10 (28.0) 0.90 (23.0) 0.10 (2.5) 0.104 (2.6) 1.41 40 90o Crossover Mechanical Specifications 90o Crossover Electrical Specifications Part Number Case Style Freq. Range (GHz) Amplitude Balance (dB) Insertion Loss Max (dB) Isolation Min. (dB) VSWR Max Power Avg. (W) Power Pk. (kW) 2032-6344-00 3 1.0 - 2.0 ± 0.5 0.20 22 1.20 30 3 2032-6345-00 4 2.0 - 4.0 ± 0.5 0.25 22 1.25 30 3 2032-6347-00 5 4.0 - 8.0 ± 0.5 0.30 20 1.25 30 3 2032-6348-00 5 8.0 - 12.4 ± 0.5 0.50 18 1.35 30 3 2032-6349-00 5 12.4 - 18.0 ± 0.5 0.50 18 1.45 30 3 2032-6350-00 6 0.5 - 2.0 ± 0.5 0.60 24 1.20 30 3 2032-6352-00 7 2.0 - 8.0 ± 0.5 0.50 20 1.30 30 3 2032-6354-00 8 4.0 - 12.4 ± 0.5 0.60 20 1.25 50 3 2032-6371-00 10 2.0 - 18.0 ± 1.0 0.60*** 20**** 1.45 50 3 2032-6374-00 5 6.5 - 18.0 ± 0.5 0.60 18 1.35 30 3 2032-6375-00 11 4.0 - 18.0 ± 0.5 1.0 18 1.45 100 5 *** Insertion loss is 1.2 dB from 6.0 to 12.4 GHz and 1.5 dB from 12.4 to 18.0 GHz. **** Isolation is 15 dB from 12.4 to 18.0 GHz. 2032-6350-00 to 2032-6375-00 are multi-octave. 2032-6375-00 is high power. |
Similar Part No. - 2032-6347-00 |
|
Similar Description - 2032-6347-00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |