Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ2RKF2672 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # ERJ2RKF2672
Description  High Power (26 dBm) 802.11n WLAN Power Amplifier with Integrated Power Detector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

ERJ2RKF2672 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  ERJ2RKF2672 Datasheet HTML 1Page - Skyworks Solutions Inc. ERJ2RKF2672 Datasheet HTML 2Page - Skyworks Solutions Inc. ERJ2RKF2672 Datasheet HTML 3Page - Skyworks Solutions Inc. ERJ2RKF2672 Datasheet HTML 4Page - Skyworks Solutions Inc. ERJ2RKF2672 Datasheet HTML 5Page - Skyworks Solutions Inc. ERJ2RKF2672 Datasheet HTML 6Page - Skyworks Solutions Inc. ERJ2RKF2672 Datasheet HTML 7Page - Skyworks Solutions Inc. ERJ2RKF2672 Datasheet HTML 8Page - Skyworks Solutions Inc. ERJ2RKF2672 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PRELIMINARY DATA SHEET • SE2605L: HIGH POWER (+26 dBm) 802.11n WLAN PA
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203009E • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • February 10, 2016
5
Evaluation Board Description
The SE2605L Evaluation Board is used to test the performance of
the SE2605L WLAN PA. A schematic diagram of the SE2605L
Evaluation Board is shown in Figure 3. A photograph of the
Evaluation Board is shown in Figure 4. Component values for the
SE2605L Evaluation Board are listed in Table 7.
Circuit Design Considerations
The following design considerations are general in nature and
must be followed regardless of final use or configuration:
 Paths to ground should be made as short as possible.
 The ground pad of the SE2605L has special electrical and
thermal grounding requirements. This pad is the main thermal
conduit for heat dissipation. Since the circuit board acts as the
heat sink, it must shunt as much heat as possible from the
device.
 Therefore, design the connection to the ground pad to dissipate
the maximum wattage produced by the circuit board. Multiple
vias to the grounding layer are required. For further information,
refer to the Skyworks Application Note PCB Design Guidelines
for High Power Dissipation Packages, document number
201211.
 Bypass capacitors should be used on the DC supply lines. Refer
to the schematic drawing in Figure 3 for further details.
 The RF lines should be well separated from each other with
solid ground in between traces to maximize input-to-output
isolation.
NOTE: A poor connection between the slug and ground increases
junction temperature (TJ), which reduces the life of the
device.
Evaluation Board Setup Procedure
1. Connect system ground to pin 1 of connector J5.
2. Apply 5.0 V to pins 3 and 4 of connector J5.
3. By applying 3.3 V on PA_EN (pin 1 of the J4 header), the PA is
enabled. By placing a ground on PA_EN, the PA is disabled and
placed in a shutdown state, drawing minimal current.
4. The 2 GHz amplifier performance can be monitored by applying
an RF signal to connector J1 (RF_IN). Monitor the output power
on the RF_OUT port connector, J1.
Detector performance can be monitored on pin 4 of connector J4.
CAUTION: Do not overdrive the amplifier by applying too much
RF on the device input. A suitable starting input power
setting is –20 dBm.


Similar Part No. - ERJ2RKF2672

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ2RKF203X PANASONIC-ERJ2RKF203X Datasheet
391Kb / 5P
   Precision Thick Film Chip Resistors
ERJ2RKF2400X PANASONIC-ERJ2RKF2400X Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
More results

Similar Description - ERJ2RKF2672

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY85408-11 SKYWORKS-SKY85408-11 Datasheet
153Kb / 2P
   High-Power (23 dBm) 802.11ax Ultra-Linear WLAN Power Amplifier with Integrated Power Detector
RFX240 SKYWORKS-RFX240 Datasheet
916Kb / 6P
   2.4GHz High Power 802.11n WLAN Linear Power Amplifier
SKY85405-11 SKYWORKS-SKY85405-11 Datasheet
171Kb / 2P
   High-Power 802.11ac WLAN Power Amplifier
logo
Analog Devices
ADMV7710 AD-ADMV7710 Datasheet
297Kb / 17P
   Power Amplifier with Power Detector
logo
Fairchild Semiconductor
RMPA2271 FAIRCHILD-RMPA2271 Datasheet
373Kb / 9P
   WCDMA/UMTS Power Edge Power Amplifier Module with Integrated Power Detector
logo
Skyworks Solutions Inc.
SKY65135 SKYWORKS-SKY65135 Datasheet
492Kb / 13P
   WLAN Power Amplifier
logo
TriQuint Semiconductor
TQP5523 TRIQUINT-TQP5523_15 Datasheet
740Kb / 10P
   High Power 5 GHz WLAN Power Amplifier
TQP5525 TRIQUINT-TQP5525_15 Datasheet
748Kb / 9P
   High Power 5 GHz WLAN Power Amplifier
logo
Analog Devices
ADMV7810 AD-ADMV7810 Datasheet
291Kb / 17P
   Amplifier with Power Detector
logo
Skyworks Solutions Inc.
SKY65131 SKYWORKS-SKY65131_05 Datasheet
243Kb / 10P
   WLAN Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com