Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH300S-280-3.3 Datasheet(PDF) 2 Page - DENSEI-LAMBDA

Part # PH300S-280-3.3
Description  Single output 300W ~ 600W DC-DC power module?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

PH300S-280-3.3 Datasheet(HTML) 2 Page - DENSEI-LAMBDA

  PH300S-280-3.3 Datasheet HTML 1Page - DENSEI-LAMBDA PH300S-280-3.3 Datasheet HTML 2Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
96
PH300S/PH600S-SERIES
PH300S
(Unit: mm)
PH600S
Note 1: “Model name, Input voltage range, Nominal output voltage, Maximum
output current and country of manufacture are shown here.
Note 2: Input & output terminal....................6-ø2
6-ø8
Note 1: “Model name, Input voltage range, Nominal output voltage, Maximum
output current and country of manufacture are shown here.
(Unit: mm)


Similar Part No. - PH300S-280-3.3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PH300S280-12 ETC1-PH300S280-12 Datasheet
135Kb / 2P
   Simple function, 50 to 600W DC-DC converters
PH300S280-15 ETC1-PH300S280-15 Datasheet
135Kb / 2P
   Simple function, 50 to 600W DC-DC converters
PH300S280-24 ETC1-PH300S280-24 Datasheet
135Kb / 2P
   Simple function, 50 to 600W DC-DC converters
PH300S280-28 ETC1-PH300S280-28 Datasheet
135Kb / 2P
   Simple function, 50 to 600W DC-DC converters
PH300S280-3 ETC1-PH300S280-3 Datasheet
135Kb / 2P
   Simple function, 50 to 600W DC-DC converters
More results

Similar Description - PH300S-280-3.3

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PH300F280 LAMBDA-PH300F280 Datasheet
145Kb / 4P
   Single output DC-DC converter 50W ~ 300W
logo
Mean Well Enterprises C...
RSD-300 MEANWELL-RSD-300 Datasheet
214Kb / 4P
   300W Railway Single Output DC-DC Converter
logo
Extech Instruments Corp...
382276 EXTECH-382276_15 Datasheet
146Kb / 1P
   600W Single Output Laboratory Grade DC Power Supply
382275 EXTECH-382275 Datasheet
146Kb / 1P
   600W Single Output Laboratory Grade DC Power Supply
382275 EXTECH-382275_15 Datasheet
146Kb / 1P
   600W Single Output Laboratory Grade DC Power Supply
logo
ETA-USA
DTMF300-SX-F-W6 ETA-USA-DTMF300-SX-F-W6 Datasheet
1Mb / 4P
   300W AC/DC Switching Adapter-Single Output
logo
Delta Electronics, Inc.
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
E48SD12025 DELTA-E48SD12025 Datasheet
1Mb / 27P
   300W DC/DC Power Modules
Q48SC12025 DELTA-Q48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
Q48SC12050 DELTA-Q48SC12050 Datasheet
1Mb / 26P
   600W DC/DC Power Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com