Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XD1008-BD Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # XD1008-BD
Description  Unconditional Stability over Temperature Range
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XD1008-BD Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button XD1008-BD_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XD1008-BD_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XD1008-BD_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XD1008-BD_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XD1008-BD_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XD1008-BD_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XD1008-BD_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XD1008-BD_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. XD1008-BD_15 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Receiver
30 kHz-40 GHz
XD1008-BD
Rev. V1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
M/A-COM Technology Solutions Inc. All rights reserved.
Information in this document is provided in connection with M/A-COM Technology Solutions Inc ("MACOM")
products. These materials are provided by MACOM as a service to its customers and may be used for
informational purposes only. Except as provided in MACOM's Terms and Conditions of Sale for such products or
in any separate agreement related to this document, MACOM assumes no liability whatsoever. MACOM
assumes no responsibility for errors or omissions in these materials. MACOM may make changes to
specifications and product descriptions at any time, without notice. MACOM makes no commitment to update
the information and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future
changes to its specifications and product descriptions. No license, express or implied, by estoppels or otherwise,
to any intellectual property rights is granted by this document.
THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR
IMPLIED, RELATING TO SALE AND/OR USE OF MACOM PRODUCTS INCLUDING LIABILITY OR
WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, CONSEQUENTIAL OR
INCIDENTAL DAMAGES, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR
OTHER INTELLECTUAL PROPERTY RIGHT. MACOM FURTHER DOES NOT WARRANT THE ACCURACY
OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN
THESE MATERIALS. MACOM SHALL NOT BE LIABLE FOR ANY SPECIAL, INDIRECT, INCIDENTAL, OR
CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS,
WHICH MAY RESULT FROM THE USE OF THESE MATERIALS.
MACOM products are not intended for use in medical, lifesaving or life sustaining applications. MACOM
customers using or selling MACOM products for use in such applications do so at their own risk and agree to
fully indemnify MACOM for any damages resulting from such improper use or sale.


Similar Part No. - XD1008-BD_15

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XD1008-BD-000V MIMIX-XD1008-BD-000V Datasheet
341Kb / 10P
   30 kHz - 40 GHz GaAs MMIC Distributed Amplifier
XD1008-BD-EV1 MIMIX-XD1008-BD-EV1 Datasheet
341Kb / 10P
   30 kHz - 40 GHz GaAs MMIC Distributed Amplifier
More results

Similar Description - XD1008-BD_15

ManufacturerPart #DatasheetDescription
logo
TEMEX
RPT7050D TEMEX-RPT7050D Datasheet
245Kb / 2P
   Excellent frequency stability over temperature
RPT7050G TEMEX-RPT7050G Datasheet
256Kb / 2P
   Excellent frequency stability over temperature
logo
List of Unclassifed Man...
UM7 ETC2-UM7 Datasheet
1Mb / 79P
   Excellent gyro bias stability over temperature
logo
TEMEX
RMO1490A TEMEX-RMO1490A Datasheet
3Mb / 2P
   Frequency stability over temperature as low
logo
Murata Manufacturing Co...
SCA61T MURATA-SCA61T Datasheet
565Kb / 17P
   Excellent stability over temperature and time
SCA121T MURATA-SCA121T Datasheet
162Kb / 5P
   High stability over temperature and tim
logo
M/A-COM Technology Solu...
MACP-010250-C808A0 MA-COM-MACP-010250-C808A0_16 Datasheet
754Kb / 6P
   Stable over large temperature range
logo
Murata Manufacturing Co...
CSALS16M9X55-A0 MURATA-CSALS16M9X55-A0 Datasheet
187Kb / 3P
   stable over a wide temperature range
CSALS24M5X53-B0 MURATA-CSALS24M5X53-B0 Datasheet
193Kb / 3P
   stable over a wide temperature range
CSALS33M8X51-B0 MURATA-CSALS33M8X51-B0 Datasheet
183Kb / 3P
   stable over a wide temperature range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com