Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XD1008-BD Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # XD1008-BD
Description  Unconditional Stability over Temperature Range
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XD1008-BD Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  XD1008-BD_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XD1008-BD_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XD1008-BD_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XD1008-BD_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XD1008-BD_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XD1008-BD_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XD1008-BD_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XD1008-BD_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XD1008-BD_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Receiver
30 kHz-40 GHz
XD1008-BD
Rev. V1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Parameter and Test Conditions
Units
Min.
Typ.
Max.
Small Signal Gain (S21)
dB
16
Gain Flatness (
S21)
dB
+/-0.75
Input Return Loss RF (S11)
dB
16
Output Return Loss (S22)
dB
16
Reverse Isolation (S12)
dB
28
Output Power for 1 dB Compression (P1dB) @ 22 GHz
dBm
18
Saturated RF Power (Psat) @ 22 GHz
dBm
22
Output 3rd Order Intercept Point (OIP3) @ 22 GHz
dBm
30
Noise Figure (NF) @ 26 GHz
dB
3.5
Noise Figure (NF) @ 40 GHz
dB
5.5
Electrical Specifications: High Gain, Low Noise Applications4
Vdd=4 V, Idd(Q)=160 mA, Zin=Zo=50
(4) Data measured in wafer form with backside temperature T = 25°C unless otherwise noted.


Similar Part No. - XD1008-BD_15

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XD1008-BD-000V MIMIX-XD1008-BD-000V Datasheet
341Kb / 10P
   30 kHz - 40 GHz GaAs MMIC Distributed Amplifier
XD1008-BD-EV1 MIMIX-XD1008-BD-EV1 Datasheet
341Kb / 10P
   30 kHz - 40 GHz GaAs MMIC Distributed Amplifier
More results

Similar Description - XD1008-BD_15

ManufacturerPart #DatasheetDescription
logo
TEMEX
RPT7050D TEMEX-RPT7050D Datasheet
245Kb / 2P
   Excellent frequency stability over temperature
RPT7050G TEMEX-RPT7050G Datasheet
256Kb / 2P
   Excellent frequency stability over temperature
logo
List of Unclassifed Man...
UM7 ETC2-UM7 Datasheet
1Mb / 79P
   Excellent gyro bias stability over temperature
logo
TEMEX
RMO1490A TEMEX-RMO1490A Datasheet
3Mb / 2P
   Frequency stability over temperature as low
logo
Murata Manufacturing Co...
SCA61T MURATA-SCA61T Datasheet
565Kb / 17P
   Excellent stability over temperature and time
SCA121T MURATA-SCA121T Datasheet
162Kb / 5P
   High stability over temperature and tim
logo
M/A-COM Technology Solu...
MACP-010250-C808A0 MA-COM-MACP-010250-C808A0_16 Datasheet
754Kb / 6P
   Stable over large temperature range
logo
Murata Manufacturing Co...
CSALS16M9X55-A0 MURATA-CSALS16M9X55-A0 Datasheet
187Kb / 3P
   stable over a wide temperature range
CSALS24M5X53-B0 MURATA-CSALS24M5X53-B0 Datasheet
193Kb / 3P
   stable over a wide temperature range
CSALS33M8X51-B0 MURATA-CSALS33M8X51-B0 Datasheet
183Kb / 3P
   stable over a wide temperature range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com