Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM1002-BD-EV1 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # XM1002-BD-EV1
Description  Fundamental Image Reject Mixer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XM1002-BD-EV1 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  XM1002-BD-EV1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XM1002-BD-EV1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XM1002-BD-EV1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XM1002-BD-EV1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XM1002-BD-EV1 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XM1002-BD-EV1 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XM1002-BD-EV1 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XM1002-BD-EV1 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XM1002-BD-EV1 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Image Reject Mixer
34 - 46 GHz
Rev. V1
XM1002-BD
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Typical Performance Curves (cont.)
0.045
2.04
4.05
6.05
8.04
10
-30
-25
-20
-15
-10
-5
0
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
30
32
34
36
38
40


Similar Part No. - XM1002-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XM1002-BD-EV1 MIMIX-XM1002-BD-EV1 Datasheet
324Kb / 8P
   34.0-46.0 GHz GaAs MMIC Image Reject Mixer
More results

Similar Description - XM1002-BD-EV1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XM1001-BD MA-COM-XM1001-BD_15 Datasheet
1Mb / 11P
   Fundamental Image Reject Mixer
XM1003-BD MA-COM-XM1003-BD Datasheet
1Mb / 8P
   Image Reject Mixer
XM1002-BD MA-COM-XM1002-BD Datasheet
893Kb / 9P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH Datasheet
692Kb / 6P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH_15 Datasheet
692Kb / 6P
   Image Reject Mixer
logo
API Technologies Corp
IRM5XMS-1 APITECH-IRM5XMS-1 Datasheet
1Mb / 1P
   Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1001-BD MA-COM-XM1001-BD Datasheet
1Mb / 10P
   Image Reject Mixer
logo
Mini-Circuits
JCIR-4MH MINI-JCIR-4MH Datasheet
313Kb / 2P
   Image Reject Mixer
JCIR-152H MINI-JCIR-152H Datasheet
380Kb / 2P
   Image Reject Mixer
logo
Spectrum Microwave, Inc...
IRM5XMS-1 SPECTRUM-IRM5XMS-1 Datasheet
994Kb / 1P
   Image Reject Mixer / SSB Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com