Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XX1000-BD Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # XX1000-BD
Description  Excellent Broadband Mixer Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XX1000-BD Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  XX1000-BD_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XX1000-BD_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XX1000-BD_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XX1000-BD_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XX1000-BD_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XX1000-BD_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XX1000-BD_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XX1000-BD_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XX1000-BD_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Active Doubler
7.5-25.0/15.0-50.0 GHz
Rev. V1
XX1000-BD
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: 7.5-25 GHz (fin) (Ambient Temperature T = 25°C)
Parameter
Units
Min.
Typ.
Max.
Output Frequency Range (fout)
GHz
15.0
-
50.0
Input Return Loss (S11)
dB
-
TBD
-
Output Return Loss (S22)
dB
-
12.0
-
Harmonic Gain (fout)
dB
-
13
-
Fundamental Rejection (fin)
dBc
-
20
-
Saturated Output Powre (Psat)
dBm
-
+15
-
RF Input Power (RF Pin)
dBm
-10.0
-
+10.0
Output Power at +0.0 dBm Pin (Pout)
dBm
-
+13.0
-
Drain Bias Voltage (Vd1,2)
VDC
-
+5.0
+5.5
Gate Bias Voltage (Vg1)
VDC
-1.2
-0.6
+0.1
Gate Bias Voltage (Vg2)
VDC
-1.2
0.0
+0.1
Drain Supply Current (Id1,2)
(Vd=5.0 V, Vg1=-0.6 V, Vg2=0.0 V Typical)
mA
-
220
250
Source Voltage (Vss)
VDC
-5.5
-5.0
-2.0
Source Current (Iss)
mA
25
50
60
Block Diagram & Schematics


Similar Part No. - XX1000-BD_15

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XX1000-BD-000V MIMIX-XX1000-BD-000V Datasheet
301Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000-BD-000V MIMIX-XX1000-BD-000V Datasheet
305Kb / 7P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000-BD-EV1 MIMIX-XX1000-BD-EV1 Datasheet
301Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000-BD-EV1 MIMIX-XX1000-BD-EV1 Datasheet
305Kb / 7P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000-BD_0708 MIMIX-XX1000-BD_0708 Datasheet
305Kb / 7P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
More results

Similar Description - XX1000-BD_15

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
C20-0116 MARKIMICROWAVE-C20-0116 Datasheet
228Kb / 3P
   Broadband Performance Excellent Coupling Flatness
C20-0226 MARKIMICROWAVE-C20-0226 Datasheet
405Kb / 2P
   Broadband Performance Excellent Coupling Flatness
C20-0240 MARKIMICROWAVE-C20-0240 Datasheet
226Kb / 3P
   Broadband Performance Excellent Coupling Flatness
logo
BOWEI Integrated Circui...
MDB-04 BOWEI-MDB-04 Datasheet
128Kb / 1P
   Broadband Double-balanced Mixer
MDB-10 BOWEI-MDB-10 Datasheet
125Kb / 1P
   Broadband Double-balanced Mixer
MDB-09 BOWEI-MDB-09 Datasheet
240Kb / 1P
   Broadband Double-balanced Mixer
logo
TriQuint Semiconductor
WJZ1020H TRIQUINT-WJZ1020H Datasheet
134Kb / 3P
   Broadband Surface Mount Mixer
logo
BOWEI Integrated Circui...
MDB-11 BOWEI-MDB-11 Datasheet
115Kb / 1P
   Broadband Double-balanced Mixer
logo
WJ Communication. Inc.
SME1400B-13 WJCI-SME1400B-13 Datasheet
55Kb / 4P
   Broadband surface mount mixer
logo
BOWEI Integrated Circui...
MDB-03 BOWEI-MDB-03 Datasheet
131Kb / 1P
   Broadband Double-balanced Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com